Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-3282-8 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS1-3282-8
Description  CMOS ARINC Bus Interface Circuit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-3282-8 Datasheet(HTML) 2 Page - Intersil Corporation

  HS1-3282-8 Datasheet HTML 1Page - Intersil Corporation HS1-3282-8 Datasheet HTML 2Page - Intersil Corporation HS1-3282-8 Datasheet HTML 3Page - Intersil Corporation HS1-3282-8 Datasheet HTML 4Page - Intersil Corporation HS1-3282-8 Datasheet HTML 5Page - Intersil Corporation HS1-3282-8 Datasheet HTML 6Page - Intersil Corporation HS1-3282-8 Datasheet HTML 7Page - Intersil Corporation HS1-3282-8 Datasheet HTML 8Page - Intersil Corporation HS1-3282-8 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
184
Pinouts
HS-3282 (CERDIP)
TOP VIEW
HS-3282 (CLCC)
TOP VIEW
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
VDD
429DI1(A)
429DI1(B)
429DI2(A)
429DI2(B)
D/R1
D/R2
SEL
EN1
EN2
BD15
BD14
BD13
BD12
BD11
BD10
BD09
BD08
BD07
BD06
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
NC
MR
TX CLK
CLK
NC
NC
CWSTR
ENTX
429D0
429D0
TX/R
PL2
PL1
BD00
BD01
BD02
BD03
BD04
BD05
GND
14
13
12
11
10
9
8
7
17
16
15
2
5
30
35
39
38
37
36
33
34
32
31
29
4
6
3
BD15
BD12
NC
D/R1
BD14
EN2
BD11
NC
NC
CWSTR
ENTX
429D0
429D0
TX/R
PL2
PL1
BD01
BD00
1
SEL
EN1
40
41
42
43
44
28
27
26
25
24
23
22
21
20
19
18
BD13
D/R2
HS-3282


Similar Part No. - HS1-3282-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
More results

Similar Description - HS1-3282-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
HS-3282 INTERSIL-HS-3282 Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
logo
Mitel Networks Corporat...
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685_08 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com