Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS299D Datasheet(PDF) 6 Page - Intersil Corporation

Part # HCTS299D
Description  Radiation Hardened 8-Bit Universal Shift Register; Three-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS299D Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HCTS299D Datasheet HTML 2Page - Intersil Corporation HCTS299D Datasheet HTML 3Page - Intersil Corporation HCTS299D Datasheet HTML 4Page - Intersil Corporation HCTS299D Datasheet HTML 5Page - Intersil Corporation HCTS299D Datasheet HTML 6Page - Intersil Corporation HCTS299D Datasheet HTML 7Page - Intersil Corporation HCTS299D Datasheet HTML 8Page - Intersil Corporation HCTS299D Datasheet HTML 9Page - Intersil Corporation HCTS299D Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
629
Specifications HCTS299MS
Setup Time S1, S0
to CLK
TSU
VCC = 4.5V
1
+25oC27
-
ns
1+125
oC, -55oC41
-
ns
Hold Time DS0,
DS7, I/On, S0, S1 to
CLK
TH
VCC = 4.5V
1
+25oC0
-
ns
1+125oC, -55oC0
-
ns
Recovery Time MR
to CLK
TREC
VCC = 4.5V
1
+25
oC5
-
ns
1+125oC, -55oC5
-
ns
Pulse Width MR
TW (MR)
VCC = 4.5V
1
+25oC15
-
ns
1+125
oC, -55oC22
-
ns
Pulse Width CLK
TW (CLK)
VCC = 4.5V
1
+25oC20
-
ns
1+125oC, -55oC30
-
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25
oC6.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25
oC-6.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V or 5.5V, VIH = VCC/2,
VIL = 0.8V, IOL = 50
µA
+25
oC-
0.1
V
Output Voltage High
VOH
VCC = 4.5V or 5.5V, VIH =VCC/2,
VIL = 0.8V, IOH = -50
µA
+25
oCVCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25
oC-
±5
µA
Three-State Output
Leakage Current
IOZ
Applied Voltage = 0V or VCC, VCC = 5.5V
+25oC-
±50
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, (Note 3)
+25oC
---
CLK to I/On
TPHL,
TPLH
VCC = 4.5V
+25oC
2
32
ns
CLK to Q0, Q7
TPHL,
TPLH
VCC = 4.5V
+25oC
2
34
ns
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Spec Number
518640


Similar Part No. - HCTS299D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS299D INTERSIL-HCTS299D Datasheet
118Kb / 13P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Renesas Technology Corp
HCTS299D RENESAS-HCTS299D Datasheet
529Kb / 12P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Intersil Corporation
HCTS299DMSR INTERSIL-HCTS299DMSR Datasheet
118Kb / 13P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Renesas Technology Corp
HCTS299DMSR RENESAS-HCTS299DMSR Datasheet
529Kb / 12P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
More results

Similar Description - HCTS299D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS299MS RENESAS-HCTS299MS Datasheet
529Kb / 12P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Intersil Corporation
HCTS299MS INTERSIL-HCTS299MS Datasheet
118Kb / 13P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
Texas Instruments
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
logo
Aeroflex Circuit Techno...
UT54ACS299E AEROFLEX-UT54ACS299E Datasheet
162Kb / 14P
   CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
logo
Texas Instruments
CD54HCT299 TI-CD54HCT299 Datasheet
288Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com