Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS85MS Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS85MS
Description  Radiation Hardened 4-Bit Magnitude Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS85MS Datasheet(HTML) 8 Page - Intersil Corporation

  HCTS85MS_02 Datasheet HTML 1Page - Intersil Corporation HCTS85MS_02 Datasheet HTML 2Page - Intersil Corporation HCTS85MS_02 Datasheet HTML 3Page - Intersil Corporation HCTS85MS_02 Datasheet HTML 4Page - Intersil Corporation HCTS85MS_02 Datasheet HTML 5Page - Intersil Corporation HCTS85MS_02 Datasheet HTML 6Page - Intersil Corporation HCTS85MS_02 Datasheet HTML 7Page - Intersil Corporation HCTS85MS_02 Datasheet HTML 8Page - Intersil Corporation HCTS85MS_02 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
HCTS85MS
AC Timing Diagrams
AC VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
AC Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Spec Number
518624


Similar Part No. - HCTS85MS_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS85MS INTERSIL-HCTS85MS Datasheet
214Kb / 10P
   Radiation Hardened 4-Bit Magnitude Comparator
September 1995
logo
Renesas Technology Corp
HCTS85MS RENESAS-HCTS85MS Datasheet
497Kb / 9P
   Radiation Hardened 4-Bit Magnitude Comparator
September 1995
More results

Similar Description - HCTS85MS_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS85MS INTERSIL-HCTS85MS Datasheet
214Kb / 10P
   Radiation Hardened 4-Bit Magnitude Comparator
September 1995
logo
Renesas Technology Corp
HCTS85MS RENESAS-HCTS85MS Datasheet
497Kb / 9P
   Radiation Hardened 4-Bit Magnitude Comparator
September 1995
logo
Intersil Corporation
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
   4-bit Magnitude Comparator
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
   4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
   4-BIT MAGNITUDE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com