Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # TPA
Description  TELECOMMUNICATION PROTECTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

TPA Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  TPA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited TPA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited TPA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited TPA Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6.000
1000
10.000
10
1.0
10
100
MEASURED at
STAND-OFF
VOLTAGE, VWM
200
TJ=25
f=1.0MHZ
Vsig=50mVp-p
MEASURED at
ZEROBIAS
FIG.7 -- TYPICAL REVERSE LEAKAGE
JJJJJJJJJJJJJJJJJJCHARACTERISTICS
FIG.6 -- MAXIMUN NON-REPETITIVE FORWARD
HHHHHH HSURGE CURRENT UNIDIRECTIONAL ONLY
FIG.5 -- STEADY STATE POWER DERATING CURVE
t, TIME, ms
FIG.1 -- PEAK PULSE POWER RATING CURVE
V
(BA), BREAKDOWN VOLTAGE, V
tol, PULSEWIDTH, SEC.
FIG.3 -- PULSE WAVEFORM
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
H HHHHHHHH HUNIDIRECTIONAL
TA, AMBIENT TEMPERATURE.
RATINGS AND CHARACTERISTIC CURVES
1N6267---1N6303A
TL, LEAD TEMPERATURE,
FIG.2 -- PULSE DERATING CURVE
10
0.1
1
0.01
0
100
500
T A=2 5 ℃
100
200
300
400
M E A S URE D A T DE V IC E S
ST A N D -O F F VO L T A G E, VW M
0.001
1.000
440
150
50
100
0
01.0
2.0
tr=10¦ Μ
sec
PEAK VALUE
IPPM
HALF VALUE - IPPM
2
PULES WIDTH (td)
is DEFINDE as the
POINT WHERE the
PEAK CURRENT
DECAYS to 50% of
IPPM
10/1000¦ Μ
sec.
WAVEFORM as
DEFINDE by R.E.A.
td
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 02850
11
4.
V
(BR), BREAKDOWN VOLTAGE, V
NUMBER OF CYCLES AT 60 Hz
100
1.0
10
0.1
0.1μs1.0μs10μs100μs
1ms
10ms
NON-REPETITIVE
PULSE WAVEFORM
SHOWN if FIG.3
TA=25
100
75
25
50
0
025
75
50
125
100
150
200
175
1.00
0.75
0.25
0.50
0
025
75
50
200
100
125
150
175
L=0.375"(9.5mm)
LEAD LENGTHS
1.6 x 1.6 x .040"
(40 x 40 x 1mm.)
COPPER HEAT SINKS
60 HZ
RESISTIVEOR
INDUCTIVE LOAD
200
100
10
1100
10
TJ=TJ max.
8.3ms SINGLE HALF SINE-MAVE
(JEDEC METHOD)
3.0
4.0


Similar Part No. - TPA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TPA STMICROELECTRONICS-TPA Datasheet
53Kb / 5P
   TRISIL
TPA STMICROELECTRONICS-TPA Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
C&K Components
TPA CK-COMPONENTS-TPA Datasheet
233Kb / 3P
   Multidirection SMT Navigation Switch
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
New Jersey Semi-Conduct...
TPA NJSEMI-TPA Datasheet
297Kb / 4P
   TPA SERIES
More results

Similar Description - TPA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com