Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5302IU Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5302IU
Description  400MHz Slew Enhanced VFAs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5302IU Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5302IU Datasheet HTML 6Page - Intersil Corporation EL5302IU Datasheet HTML 7Page - Intersil Corporation EL5302IU Datasheet HTML 8Page - Intersil Corporation EL5302IU Datasheet HTML 9Page - Intersil Corporation EL5302IU Datasheet HTML 10Page - Intersil Corporation EL5302IU Datasheet HTML 11Page - Intersil Corporation EL5302IU Datasheet HTML 12Page - Intersil Corporation EL5302IU Datasheet HTML 13Page - Intersil Corporation EL5302IU Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN7331.8
January 17, 2008
FIGURE 25. INPUT AND OUTPUT ISOLATION
FIGURE 26. CHANNEL-TO-CHANNEL ISOLATION
FIGURE 27. HARMONIC DISTORTION vs FREQUENCY
FIGURE 28. TOTAL HARMONIC DISTORTION vs OUTPUT
VOLTAGES
FIGURE 29. TURN-ON TIME
FIGURE 30. TURN-OFF TIME
Typical Performance Curves (Continued)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0.1
1M
10M
100M
1G
FREQUENCY (Hz)
OUTPUT TO INPUT
VS = ±5V
AV = +1
RF = 0
CHIP DISABLED
INPUT TO OUTPUT
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0.1
1M
10M
100M
1G
FREQUENCY (Hz)
BIN TO AOUT
AIN TO BOUT
VS = ±5V
AV = +1
RF = 0
RL = 500Ω
NOTE:
This was done on the
EL5203 (Dual Op-Amps)
-100
-90
-80
-70
-60
-50
-40
-30
0.1
1M
10M
100M
FUNDAMENTAL FREQUENCY (Hz)
3rd HD
T.H.D
VS = ±5V
AV = +1
RF = 0
RL = 500Ω
CL = 3.3pF
VOUT = 2VP-P
2nd HD
-100
-90
-80
-70
-60
-50
-40
-30
-20
012
34567
8
OUTPUT VOLTAGES (VP-P)
FIN = 1MHz
VS = ±5V
AV = +5
RG = 402Ω
RF = 1600Ω
RL = 500Ω
CL = 12pF
FIN = 10MHz
-3
-2
-1
0
1
2
3
4
5
6
-600 -400 -200
0
200 400 600 800 1000 1200 1400 1600
TIME (ns)
OUTPUT SIGNAL
ENABLE SIGNAL
VS = ±5V
AV = +1
RF = 0
RL = 500Ω
VOUT = 2VP-P
-3
-2
-1
0
1
2
3
4
5
6
-600 -400 -200 0
200 400 600 800 1000 1200 1400 1600
TIME (ns)
OUTPUT SIGNAL
DISABLE SIGNAL
VS = ±5V
AV = +1
RF = 0
RL = 500Ω
VOUT = 2VP-P
EL5102, EL5103, EL5202, EL5203, EL5302


Similar Part No. - EL5302IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5302IU INTERSIL-EL5302IU Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5302IU INTERSIL-EL5302IU Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5302IU INTERSIL-EL5302IU Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5302IU-T13 INTERSIL-EL5302IU-T13 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5302IU-T13 INTERSIL-EL5302IU-T13 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5302IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com