Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5302IU-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5302IU-T7
Description  400MHz Slew Enhanced VFAs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5302IU-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5302IU-T7 Datasheet HTML 7Page - Intersil Corporation EL5302IU-T7 Datasheet HTML 8Page - Intersil Corporation EL5302IU-T7 Datasheet HTML 9Page - Intersil Corporation EL5302IU-T7 Datasheet HTML 10Page - Intersil Corporation EL5302IU-T7 Datasheet HTML 11Page - Intersil Corporation EL5302IU-T7 Datasheet HTML 12Page - Intersil Corporation EL5302IU-T7 Datasheet HTML 13Page - Intersil Corporation EL5302IU-T7 Datasheet HTML 14Page - Intersil Corporation EL5302IU-T7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN7331.8
January 17, 2008
FIGURE 31. EQUIVALENT NOISE VOLTAGE vs FREQUENCY
FIGURE 32. SMALL SIGNAL STEP RESPONSE RISE AND
FALL TIME
FIGURE 33. LARGE SIGNAL STEP RESPONSE RISE AND
FALL TIME
FIGURE 34. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 35. THIRD ORDER IMD INTERCEPT (IP3)
FIGURE 36. THIRD ORDER IMD INTERCEPT vs FREQUENCY
Typical Performance Curves (Continued)
1000
10
100
10k
100k
FREQUENCY (Hz)
1k
100
10
1
VS = ±5V
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-20
0
20
40
60
80
100 120 140 160
TIME (ns)
tRISE = 0.923ns
tFALL = 0.9ns
VS = ±5V
AV = +1
RF = 0
RL = 500Ω
CL = 3.3pF
VOUT = 400mV
-3
-2
-1
0
1
2
3
4
5
-20
0
20
40
60
80
100 120 140 160
TIME (ns)
tRISE = 1.243ns
tFALL = 1.167ns
VS = ±5V
AV = +5
RG = 25Ω
RL = 500Ω
CL = 5pF
VOUT = 4.0V
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
AV = +1
RF = 0
RL = 500Ω
CL = 3.3pF
Please note that the curve showed
positive Current. The negative current
was almost the same.
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0.8M
0.9M
1.0M
1.1M
1.2M
FREQUENCY (Hz)
f1 = 1dBm
@ 0.95MHz
f2 = 1dBm
@ 1.05MHz
2f1-f2 = -76.8dBm
@ 0.85MHz
2f2-f1 = -77.0dBm
@ 1.15MHz
ΔIM = (1) - (-77) = 78dB
IP3 = 1+ (78/2) = 40dBm
VS = ±5V
AV = +5
RF = 1600Ω
RL = 100Ω
CL = 12pF
0
5
10
15
20
25
30
35
40
45
50
1M
10M
100M
FREQUENCY (Hz)
VS = ±5V
AV = +5
RF = 1600Ω
RL = 100Ω
CL = 12pF
EL5102, EL5103, EL5202, EL5203, EL5302


Similar Part No. - EL5302IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5302IU-T7 INTERSIL-EL5302IU-T7 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5302IU-T7 INTERSIL-EL5302IU-T7 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5302IU-T7 INTERSIL-EL5302IU-T7 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5302IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com