Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC011 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC011
Description  Serial Digital Video Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC011 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC011_02 Datasheet HTML 1Page - National Semiconductor (TI) CLC011_02 Datasheet HTML 2Page - National Semiconductor (TI) CLC011_02 Datasheet HTML 3Page - National Semiconductor (TI) CLC011_02 Datasheet HTML 4Page - National Semiconductor (TI) CLC011_02 Datasheet HTML 5Page - National Semiconductor (TI) CLC011_02 Datasheet HTML 6Page - National Semiconductor (TI) CLC011_02 Datasheet HTML 7Page - National Semiconductor (TI) CLC011_02 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC–VEE)
+6V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
+150˚C
ESD Rating (HBM)
PDx
500V
other
2kV
Package Thermal Resistance
θ
JA 28-Pin PLCC
85˚C/W
θ
JC 28-Pin PLCC
35˚C/W
Reliability Information
Transistor Count
3076
Recommended Operating
Conditions
Supply Voltage (V
CC–VEE)
4.5V to 5.5V
Logic High Voltage
(V
CP–VEE and VDP–VEE)
3.0V to 5.5V
Operating Temperature
0˚C to +70˚C
Electrical Characteristics
(V
CC = +5V, VEE = 0V, CL = 10 pF; unless specified).
Parameter
Conditions
Typ
+25˚C
Min/Max
+25˚C
Min/Max
0˚C to
+70˚C
Units
DYNAMIC PERFORMANCE
Minimum Serial Data Rate
0
Mbps
Maximum Serial Data Rate
400
360
360
Mbps
PDn and PCLK Rise/Fall Time
C
L = 2 pF,(Note 9)
2.0
ns
PDn and PCLK Rise/Fall Time
C
L = 20 pF,(Note 9)
4.0
ns
PCLK Rising Edge Residual Jitter
(Note 9)
50
ps
pp
TIMING PERFORMANCE
SD to SC Setup Time
0.2
0.2
ns
SC to SD Hold Time
00
ns
PDn to PCLK Skew
(Note 9)
±0.8
ns
PDn Valid to PCLK
PCLK = 27 MHz, (Note 9)
18
ns
PCLK
to PDn Invalid
PCLK = 27 MHz, (Note 9)
18
ns
Digital Latency
(Notes 6, 7, 9)
42
sclk cycles
Output Buffer Latency
(Notes 7, 9)
10
ns
STATIC PERFORMANCE
I
CC Supply Current
(Note 9) V
CC Pin
44
mA
VDP and VCP Supply Current
PCLK = 0 MHz, (Note 9)
2
mA
VDP and VCP Supply Current
PCLK = 27 MHz, (Note 9)
12
mA
SD and SC Inputs
Input Range Upper Limit
V
CC
V
CC
V
Input Range Lower Limit
V
EE +2.5
V
EE +2.5
V
Minimum Differential Input
200
200
mV
I
IH
10
15
µA
FE, NRZI, and DESC Inputs
V
IL
V
EE +0.8
V
EE +0.8
V
V
IH
V
EE +2.0
V
EE +2.0
V
Outputs
V
OL
I
OL =10mA
V
EE +0.5
V
EE +0.5
V
V
OH
I
OH =10mA
V
CC −0.5
V
CC −0.5
V
MISCELLANEOUS PERFORMANCE
SD and SC Input Capacitance
(Note 9)
2.0
pF
SD and SC Input Resistance
(Note 9)
20
k
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
www.national.com
3


Similar Part No. - CLC011_02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC011ACQ NSC-CLC011ACQ Datasheet
1Mb / 8P
   Serial Digital Video Decoder
CLC011BCQ NSC-CLC011BCQ Datasheet
1Mb / 8P
   Serial Digital Video Decoder
More results

Similar Description - CLC011_02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
   Serial Digital Video Decoder
logo
Gennum Corporation
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
   Serial Digital Decoder
logo
Asahi Kasei Microsystem...
AK8850 AKM-AK8850 Datasheet
1Mb / 99P
   NTSC Digital Video Decoder
logo
OKI electronic componet...
MSM7661B OKI-MSM7661B Datasheet
303Kb / 42P
   NTSC/PAL Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8855 AKM-AK8855 Datasheet
1Mb / 81P
   NTSC/PAL Digital Video Decoder
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
   Multi-Format Digital Video Decoder
AK8857VQ AKM-AK8857VQ Datasheet
1Mb / 105P
   Dual Channel Digital Video Decoder
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
   NTSC/PAL Digital Video Decoder
logo
OKI electronic componet...
MSM7662 OKI-MSM7662 Datasheet
472Kb / 62P
   NTSC/PAL Digital Video Decoder
MSM7664 OKI-MSM7664 Datasheet
493Kb / 76P
   NTSC/PAL Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com