Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC016AJQ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016AJQ
Description  Data Retiming PLL with Automatic Rate Selection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016AJQ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC016AJQ Datasheet HTML 3Page - National Semiconductor (TI) CLC016AJQ Datasheet HTML 4Page - National Semiconductor (TI) CLC016AJQ Datasheet HTML 5Page - National Semiconductor (TI) CLC016AJQ Datasheet HTML 6Page - National Semiconductor (TI) CLC016AJQ Datasheet HTML 7Page - National Semiconductor (TI) CLC016AJQ Datasheet HTML 8Page - National Semiconductor (TI) CLC016AJQ Datasheet HTML 9Page - National Semiconductor (TI) CLC016AJQ Datasheet HTML 10Page - National Semiconductor (TI) CLC016AJQ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Product Description
The CLC016 Data Retiming PLL is a monolithic circuit that
recovers clock and data from a serial NRZ or NRZI data
stream. The Data Retiming PLL incorporates an Auto-Rate
Selection function which automatically selects one of four
user-configurable data rates. The following outline lists the
material covered in this data sheet:
Typical schematics for +5V or −5.2V operation
Block diagram description
Pin definitions
Design guidelines
Interface connections
Measurement
Typical applications
Printed circuit layout and evaluation boards
Data Retimer Typical Connections
The CLC016 schematics provided in Figure 1 and Figure 2
show typical +5V or −5.2V connections with Auto-Rate Se-
lection configured for SMPTE 259M standard video data
rates: 143, 177, 270 and 360 Mbps. The section Resistor
Selection for Data Rates gives tables and equations for
determining R
n resistor values for any data rate from 50
Mbps to 400 Mbps. A resistor value table is also given for
SONET/SDH data rates. The schematics in Figure 1 and
Figure 2 do not include input termination. The high imped-
ance inputs on the CLC016 allow the user to define the
termination. The Interfaces section suggests recommended
terminations for the inputs and outputs of the CLC016.
10008713
FIGURE 1. Typical +5V Connection - PLCC Package shown
10008714
FIGURE 2. Typical −5.2V Connection - PLCC Package shown
www.national.com
7


Similar Part No. - CLC016AJQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC016AJQ NSC-CLC016AJQ Datasheet
422Kb / 20P
   Data Retiming PLL with Automatic Rate Selection
More results

Similar Description - CLC016AJQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC016 NSC-CLC016 Datasheet
422Kb / 20P
   Data Retiming PLL with Automatic Rate Selection
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
   Automatic or Manual Rate Selection
logo
PHOENIX CONTACT
PSI-REP-DNET-CAN PHOENIX-PSI-REP-DNET-CAN Datasheet
326Kb / 7P
   Automatic data rate detection or fixed data rate setting via DIP switches
logo
Maxim Integrated Produc...
MAX17015EVKIT MAXIM-MAX17015EVKIT Datasheet
1Mb / 8P
   Automatic System Power-Source Selection
Rev 0; 10/09
logo
Analog Devices
AD805 AD-AD805_15 Datasheet
324Kb / 12P
   Data Retiming Phase-Locked Loop
REV. 0
logo
Power-One
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
   Automatic 115/230 Input Voltage Selection
logo
Sanyo Semicon Device
LA7214 SANYO-LA7214 Datasheet
40Kb / 2P
   VCR-Use Automatic Channel Selection Peripheral
LA7213 SANYO-LA7213 Datasheet
51Kb / 2P
   VCR-Use Automatic Channel Selection Peripheral
logo
Analog Devices
AD805 AD-AD805 Datasheet
318Kb / 12P
   DATA RETIMING PHASE LOCKED LOOP
REV. 0
logo
Power-One
MAP130 POWER-ONE-MAP130 Datasheet
243Kb / 4P
   Automatic 115/230 Input Voltage Selection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com