Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW04-48 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BZW04-48
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BZW04-48 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BZW04-48 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BZW04-48 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BZW04-48 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BZW04-48 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GALAXY ELECTRICAL
FEATURES
Plastic package
has underwriters laboratory
flammability classification 94V-0
Glass passivated junction
400W peak pulse power capability with a 10/1000μs
waveform, repetition rate (duty cycle): 0.01%
Excellent clamping capability
Fast response time: typically less than 1.0ps from 0 Volts to
V(BR) for uni-directional and 5.0ns for bi-directional types
Devices with V(BR)
10V ID are typically ID less than 1.0 μA
High temperature soldering guaranteed:265
/ 10 seconds,
0.375"(9.5mm) lead length, 5
lbs. (2.3kg) tension
MECHANICAL DATA
Case:JEDEC DO--41, molded plastic body over
passivated junction
Terminals:
axial leads, solderable per MIL-STD-750,
method 2026
Polarity:
foruni-directional types the color band denotes
the cathode, which is postitive with respect to the
anode under normal TVS operation
Weight: 0.012 ounces, 0.34 grams
Mounting position:
any
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bi-directional use add suffix letter "B" (e.g. BZW04P-6V4B).
Electrical characteristics apply in both directions.
UNIT
VALUE
SYMBOL
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE: 5.8 --- 376 V
PEAK PULSE POWER: 400 W
DO-41
BZW04P-5V8 --- BZW04-376
Peak
pow er dissipation w ith a 10/1000μs w aveform (NOTE 1, FIG.1)
PPPM
Minimum 400
W
Peak
pulse current w ith a 10/1000μs w aveform (NOTE 1)
IPPM
S
ee table 1
A
A
V
VF
Peak
forw ard surge current, 8.3ms single half
ffffSine-
wave superimposed on rated load (JEDEC Method) (NOTE 3)
Steady
state pow er dissipation at TL=75
fffffLead
lengths 0.375"(9.5mm) (NOTE 2)
PM(AV)
1.0
W
(4) VF=3.5 Volt max. for devices of V(BR) 220V, and VF=5.0 Volt max. for devices of V(BR) >220V
Operating
junction and storage temperature range
TJ, TSTG
-50---+175
(3) Measured of 8.3ms single half sine-w ave or equare w ave, duty cycle=4 pulses per minute maximum
(2) Mounted on copper pad area of 1.6" x 1.6"(40 x40mm2) per Fig. 5
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25
per Fig. 2
Maximum
instantaneous forw ard voltage at 25A for unidirectional only (NOTE 4)
IFSM
40.0
3.5/6.5
BLGALAXY ELECTRICAL
Document Number 0285007
1.
www.galaxycn.com
BL


Similar Part No. - BZW04-48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-48 STMICROELECTRONICS-BZW04-48 Datasheet
130Kb / 6P
   TRANSIL
logo
Shenzhen Taychipst Elec...
BZW04-48 TAYCHIPST-BZW04-48 Datasheet
3Mb / 4P
   Transient Voltage Suppressors
logo
EIC discrete Semiconduc...
BZW04-48 EIC-BZW04-48 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
BZW04-48 LUGUANG-BZW04-48 Datasheet
189Kb / 4P
   Transient Voltage Suppressor
logo
General Semiconductor
BZW04-48 GE-BZW04-48 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - BZW04-48

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com