Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8488E Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8488E
Description  짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8488E Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8488E_07 Datasheet HTML 3Page - Intersil Corporation ISL8488E_07 Datasheet HTML 4Page - Intersil Corporation ISL8488E_07 Datasheet HTML 5Page - Intersil Corporation ISL8488E_07 Datasheet HTML 6Page - Intersil Corporation ISL8488E_07 Datasheet HTML 7Page - Intersil Corporation ISL8488E_07 Datasheet HTML 8Page - Intersil Corporation ISL8488E_07 Datasheet HTML 9Page - Intersil Corporation ISL8488E_07 Datasheet HTML 10Page - Intersil Corporation ISL8488E_07 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6073.4
July 26, 2007
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. DRIVER ENABLE AND DISABLE TIMES (EXCLUDING ISL8488E, ISL8490E)
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. RECEIVER PROPAGATION DELAY
FIGURE 5A. TEST CIRCUIT
FIGURE 5B. MEASUREMENT POINTS
FIGURE 5. RECEIVER ENABLE AND DISABLE TIMES (EXCLUDING ISL8488E, ISL8490E)
Test Circuits and Waveforms (Continued)
D
DE
DI
CL
500
Ω
Z
Y
VCC
GND
SW
PARAMETER OUTPUT
RE
DI
SW
CL (pF)
tHZ
Y/Z
X
1/0
GND
15
tLZ
Y/Z
X
0/1
VCC
15
tZH
Y/Z
X
1/0
GND
100
tZL
Y/Z
X
0/1
VCC
100
SIGNAL
GENERATOR
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
2.3V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
2.3V
VOL + 0.5V
tLZ
DE
OUTPUT HIGH
OUTPUT LOW
tZL
tZH
SIGNAL
GENERATOR
R
RO
RE
A
B
+1.5V
15pF
RO
3V
0V
tPLH
1.5V
1.5V
VCC
0V
50%
50%
tPHL
A
1k
Ω
VCC
GND
SW
PARAMETER
DE
A
SW
tHZ
X
+1.5V
GND
tLZ
X-1.5V
VCC
tZH
X
+1.5V
GND
tZL
X-1.5V
VCC
SIGNAL
GENERATOR
R
RO
RE
A
B
15pF
RO
3V
0V
1.5V
1.5V
VOH
0V
1.5V
VOH - 0.5V
tHZ
RO
VCC
VOL
1.5V
VOL + 0.5V
tLZ
RE
OUTPUT HIGH
OUTPUT LOW
tZL
tZH
ISL8488E, ISL8489E, ISL8490E, ISL8491E


Similar Part No. - ISL8488E_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8488EIB INTERSIL-ISL8488EIB Datasheet
526Kb / 13P
   -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8488EIB RENESAS-ISL8488EIB Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8488EIB-T INTERSIL-ISL8488EIB-T Datasheet
526Kb / 13P
   -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL8488EIBZA INTERSIL-ISL8488EIBZA Datasheet
526Kb / 13P
   -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8488EIBZA RENESAS-ISL8488EIBZA Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8488E_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E Datasheet
526Kb / 13P
   -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL8483E INTERSIL-ISL8483E_05 Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL4489E RENESAS-ISL4489E Datasheet
669Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL4489E INTERSIL-ISL4489E_06 Datasheet
416Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL8483E INTERSIL-ISL8483E Datasheet
459Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL4489E INTERSIL-ISL4489E Datasheet
477Kb / 12P
   Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com