Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8499IR-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL8499IR-T
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8499IR-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL8499IR-T Datasheet HTML 1Page - Intersil Corporation ISL8499IR-T Datasheet HTML 2Page - Intersil Corporation ISL8499IR-T Datasheet HTML 3Page - Intersil Corporation ISL8499IR-T Datasheet HTML 4Page - Intersil Corporation ISL8499IR-T Datasheet HTML 5Page - Intersil Corporation ISL8499IR-T Datasheet HTML 6Page - Intersil Corporation ISL8499IR-T Datasheet HTML 7Page - Intersil Corporation ISL8499IR-T Datasheet HTML 8Page - Intersil Corporation ISL8499IR-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN6111.3
February 5, 2008
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
-82
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(See Figure 4)
25
-
68
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(See Figure 6)
25
-
-98
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 600Ω
25
-
0.003
-
%
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
106
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
212
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+
25
-
0.025
-
μA
Full
-
0.715
-
μA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.5
V
Input Voltage High, VINH
Full
1.4
-
-
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+ (Note 10)
Full
-0.5
-
0.5
μA
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.65V to +2V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Note 6), Unless
Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 7, 8)
TYP
MAX
(Notes 7, 8) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 1.8V, ICOM = 100mA, VNO or VNC = 0V to V+,
(See Figure 5)
25
-
0.45
0.8
Ω
Full
-
-
0.85
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.65V, VNO or VNC = 1.0V, RL = 50Ω,
CL = 35pF, (See Figure 1, Note 10)
25
-
51
65
ns
Full
-
-
70
ns
Turn-OFF Time, tOFF
V+ = 1.65V, VNO or VNC = 1.0V, RL = 50Ω,
CL = 35pF, (See Figure 1, Note 10)
25
-
43
58
ns
Full
-
-
65
ns
Break-Before-Make Time Delay, tD
V+ = 2.0V, VNO or VNC = 1.0V, RL = 50Ω,
CL = 35pF, (See Figure 3, Note 10)
Full
3
8
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, See Figure 2
25
-
-44
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(See Figure 4)
25
-
68
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(See Figure 6)
25
-
-98
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
106
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
212
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.4
V
Input Voltage High, VINH
Full
1.0
-
-
V
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+ (Note 10)
Full
-0.5
-
0.5
μA
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 6),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 7, 8)
TYP
MAX
(Notes 7, 8) UNITS
ISL8499


Similar Part No. - ISL8499IR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499IR-T INTERSIL-ISL8499IR-T Datasheet
464Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IR-T INTERSIL-ISL8499IR-T Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IR-T INTERSIL-ISL8499IR-T Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
logo
Renesas Technology Corp
ISL8499IR-T RENESAS-ISL8499IR-T Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Similar Description - ISL8499IR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_06 Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 RENESAS-ISL84467 Datasheet
679Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com