Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6386 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6386
Description  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386 Datasheet(HTML) 4 Page - STMicroelectronics

  L6386 Datasheet HTML 1Page - STMicroelectronics L6386 Datasheet HTML 2Page - STMicroelectronics L6386 Datasheet HTML 3Page - STMicroelectronics L6386 Datasheet HTML 4Page - STMicroelectronics L6386 Datasheet HTML 5Page - STMicroelectronics L6386 Datasheet HTML 6Page - STMicroelectronics L6386 Datasheet HTML 7Page - STMicroelectronics L6386 Datasheet HTML 8Page - STMicroelectronics L6386 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HIN
LIN
SD
HOUT
LOUT
VREF
VCIN
DIAG
Note: SD active condition is latched until next negative IN edge.
D97IN522A
Figure 1. Timing Waveforms
DC OPERATION (continued)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Sense Comparator
Vio
Input Offset Voltage
-10
10
mV
Iio
6
Input Bias Current
Vcin
≥ 0.5
0.2
µA
Vol
2
Open Drain Low Level Output
Voltage, Iod = -2.5mA
0.8
V
Vref
Comparator Reference voltage
0.460
0.5
0.540
V
For both high and low side buffers @25
°C Tamb
0
1
2
3
4
5
C (nF)
0
50
100
150
200
250
time
(nsec)
Tr
D99IN1054
Tf
Figure 2. Typical Rise and Fall Times vs.
Load Capacitance
0
2
4
6
8
1012
1416 VS(V)
10
102
103
104
Iq
(
µA)
D99IN1057
Figure 3. Quiescent Current vs. Supply
Voltage
L6386
4/10


Similar Part No. - L6386

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386AD STMICROELECTRONICS-L6386AD Datasheet
208Kb / 17P
   High-voltage high and low side driver
L6386AD STMICROELECTRONICS-L6386AD Datasheet
293Kb / 15P
   High voltage high and low-side driver
L6386AD013TR STMICROELECTRONICS-L6386AD013TR Datasheet
208Kb / 17P
   High-voltage high and low side driver
L6386AD013TR STMICROELECTRONICS-L6386AD013TR Datasheet
293Kb / 15P
   High voltage high and low-side driver
L6386ADTR STMICROELECTRONICS-L6386ADTR Datasheet
293Kb / 15P
   High voltage high and low-side driver
More results

Similar Description - L6386

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304_14 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
NCP5111 ONSEMI-NCP5111 Datasheet
124Kb / 14P
   High Voltage, High and Low Side Driver
March, 2008 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com