Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5172IS-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5172IS-T7
Description  250MHz Differential Line Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5172IS-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5172IS-T7 Datasheet HTML 3Page - Intersil Corporation EL5172IS-T7 Datasheet HTML 4Page - Intersil Corporation EL5172IS-T7 Datasheet HTML 5Page - Intersil Corporation EL5172IS-T7 Datasheet HTML 6Page - Intersil Corporation EL5172IS-T7 Datasheet HTML 7Page - Intersil Corporation EL5172IS-T7 Datasheet HTML 8Page - Intersil Corporation EL5172IS-T7 Datasheet HTML 9Page - Intersil Corporation EL5172IS-T7 Datasheet HTML 10Page - Intersil Corporation EL5172IS-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN7311.8
January 25, 2008
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE vs SUPPLY VOLTAGE
FIGURE 2. FREQUENCY RESPONSE vs SUPPLY VOLTAGE
FIGURE 3. FREQUENCY RESPONSE vs VARIOUS GAIN
FIGURE 4. FREQUENCY RESPONSE vs CL
FIGURE 5. FREQUENCY RESPONSE vs CL
FIGURE 6. FREQUENCY RESPONSE FOR VARIOUS RF
4
3
1
0
-2
-3
-5
-6
10M
100M
1G
FREQUENCY (Hz)
-4
-1
2
1M
VS = ±5V
VS = ±2.5V
AV = 1, RL = 500Ω, CL = 2.7pF
4
3
1
0
-2
-3
-5
-6
10M
100M
1G
FREQUENCY (Hz)
-4
-1
2
1M
VS = ±5V
VS = ±2.5V
AV = 1, RL = 100Ω, CL = 2.7pF
4
3
1
0
-2
-3
-5
-6
10M
100M
1G
FREQUENCY (Hz)
-4
-1
2
1M
AV = 1
AV = 2
AV = 5
AV = 10
VS = ±5V, RL = 500Ω, CL = 2.7pF
5
4
2
1
-1
-2
-4
-5
10M
100M
1G
FREQUENCY (Hz)
-3
0
3
1M
VS = ±5V, AV = 1, RL = 500Ω
CL = 56pF
CL = 33pF
CL = 15pF
CL = 10pF
CL = 2.7pF
10M
100M
1G
FREQUENCY (Hz)
1M
5
4
2
1
-1
-2
-4
-5
-3
0
3
VS = ±5V, AV = 1, RL = 500Ω
CL = 2.7pF
CL = 10pF
CL = 15pF
CL = 33pF
CL = 56pF
4
3
1
0
-2
-3
-5
-6
10M
100M
1G
FREQUENCY (Hz)
-4
-1
2
1M
RF = 200Ω
RF = 500Ω
VS = ±5V, AV = 2, RL = 500Ω, CL = 2.7pF
RF = 1kΩ
EL5172, EL5372


Similar Part No. - EL5172IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5172IS-T13 INTERSIL-EL5172IS-T13 Datasheet
419Kb / 15P
   250MHz Differential Line Receivers
More results

Similar Description - EL5172IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5172 INTERSIL-EL5172 Datasheet
419Kb / 15P
   250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5172 RENESAS-EL5172 Datasheet
751Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com