Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5172IS-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5172IS-T13
Description  250MHz Differential Line Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5172IS-T13 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5172IS-T13 Datasheet HTML 5Page - Intersil Corporation EL5172IS-T13 Datasheet HTML 6Page - Intersil Corporation EL5172IS-T13 Datasheet HTML 7Page - Intersil Corporation EL5172IS-T13 Datasheet HTML 8Page - Intersil Corporation EL5172IS-T13 Datasheet HTML 9Page - Intersil Corporation EL5172IS-T13 Datasheet HTML 10Page - Intersil Corporation EL5172IS-T13 Datasheet HTML 11Page - Intersil Corporation EL5172IS-T13 Datasheet HTML 12Page - Intersil Corporation EL5172IS-T13 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN7311.8
January 25, 2008
FIGURE 13. CHANNEL ISOLATION vs FREQUENCY
FIGURE 14. HARMONIC DISTORTION vs OUTPUT VOLTAGE
FIGURE 15. HARMONIC DISTORTION vs LOAD RESISTANCE
FIGURE 16. HARMONIC DISTORTION vs FREQUENCY
FIGURE 17. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 18. LARGE SIGNAL TRANSIENT RESPONSE
Typical Performance Curves (Continued)
1M
100M
FREQUENCY (Hz)
100k
10M
1G
0
-10
-30
-40
-60
-70
-90
-100
-80
-50
-20
CH1 <=> CH2, CH2 <=> CH3
CH1 <=> CH3
-45
-50
-60
-70
-80
-85
-75
-65
-55
25
VOP-P (V)
1
4
6
3
7
HD2
(AV
= 2)
HD3 (AV = 2)
HD2
(AV =
1)
HD3 (AV = 1)
VS = ±5V, RL = 500Ω, f = 5MHz
-45
-50
-60
-70
-80
-85
-75
-65
-55
200
700
RLOAD (Ω)
100
600
900
400
1000
HD3 (AV = 1)
-80
300
500
800
HD3
(A
V = 2)
VS = ±5V, f = 5MHz, VOP-P = 1V @AV = 1,
VOP-P = 2V @AV = 2
HD2 (A
V = 2
)
HD2 (AV = 1)
-40
-50
-60
-70
-90
-80
525
FREQUENCY (MHz)
035
15
40
-100
10
20
30
HD2 (
AV =
2)
HD3 (AV = 1)
HD2 (AV
= 1)
VS = ±5V, RL = 500Ω, VOP-P = 1V FOR AV = 1,
VOP-P = 2V for AV = 2
HD3 (AV
= 2)
50mV/DIV
10ns/DIV
0.5V/DIV
10ns/DIV
EL5172, EL5372


Similar Part No. - EL5172IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5172IS-T13 INTERSIL-EL5172IS-T13 Datasheet
419Kb / 15P
   250MHz Differential Line Receivers
More results

Similar Description - EL5172IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5172 INTERSIL-EL5172 Datasheet
419Kb / 15P
   250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5172 RENESAS-EL5172 Datasheet
751Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com