Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5170IYZ-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5170IYZ-T13
Description  100MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5170IYZ-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5170IYZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5170IYZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5170IYZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5170IYZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5170IYZ-T13 Datasheet HTML 10Page - Intersil Corporation EL5170IYZ-T13 Datasheet HTML 11Page - Intersil Corporation EL5170IYZ-T13 Datasheet HTML 12Page - Intersil Corporation EL5170IYZ-T13 Datasheet HTML 13Page - Intersil Corporation EL5170IYZ-T13 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN7309.7
May 7, 2007
Differential and Common Mode Gain Settings
As shown at the simplified schematic, since the feedback
resistors RF and the gain resistor are integrated with 200
Ω
and 400
Ω, the EL5170 and EL5370 have a fixed gain of 2.
The common mode gain is always one.
Driving Capacitive Loads and Cables
The EL5170 and EL5370 can drive 75pF differential
capacitor in parallel with 200
Ω differential load with less than
3.5dB of peaking. If less peaking is desired in applications, a
small series resistor (usually between 5
Ω to 50Ω) can be
placed in series with each output to eliminate most peaking.
However, this will reduce the gain slightly.
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, a back-termination series resistor at the
amplifier’s output will isolate the amplifier from the cable and
allow extensive capacitive drive. However, other applications
may have high capacitive loads without a back-termination
resistor. Again, a small series resistor at the output can help
to reduce peaking.
Disable/Power-Down
The EL5170 and EL5370 can be disabled and placed their
outputs in a high impedance state. The turn off time is about
1µs and the turn on time is about 200ns. When disabled, the
amplifier’s supply current is reduced to 2µA for IS+ and
120µA for IS- typically, thereby effectively eliminating the
power consumption. The amplifier’s power down can be
controlled by standard CMOS signal levels at the ENABLE
pin. The applied logic signal is relative to VS+ pin. Letting the
EN pin float or applying a signal that is less than 1.5V below
VS+ will enable the amplifier. The amplifier will be disabled
when the signal at EN pin is above VS+ -0.5V.
Output Drive Capability
The EL5170 and EL5370 have internal short circuit
protection. Its typical short circuit current is ±80mA. If the
output is shorted indefinitely, the power dissipation could
easily increase such that the part will be destroyed.
Maximum reliability is maintained if the output current never
exceeds ±60mA. This limit is set by the design of the internal
metal interconnect.
Power Dissipation
With the high output drive capability of the EL5170 and
EL5370 it is possible to exceed the 125°C absolute
maximum junction temperature under certain load current
conditions. Therefore, it is important to calculate the
maximum junction temperature for the application to
determine if the load conditions or package types need to be
modified for the amplifier to remain in the safe operating
area.
The maximum power dissipation allowed in a package is
determined according to:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θ
JA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or:
Where:
VS = Total supply voltage
ISMAX = Maximum quiescent supply current per channel
ΔVO = Maximum differential output voltage of the
application
RLD = Differential load resistance
ILOAD = Load current
i = Number of channels
By setting the two PDMAX equations equal to each other, we
can solve the output current and RLOAD to avoid the device
overheat.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, a good printed circuit
board layout is necessary for optimum performance. Lead
lengths should be as sort as possible. The power supply pin
must be well bypassed to reduce the risk of oscillation. For
normal single supply operation, where the VS- pin is
connected to the ground plane, a single 4.7µF tantalum
capacitor in parallel with a 0.1µF ceramic capacitor from VS+
to GND will suffice. This same capacitor combination should
be placed at each supply pin to ground if split supplies are to
be used. In this case, the VS- pin becomes the negative
supply rail.
For good AC performance, parasitic capacitance should be
kept to minimum. Use of wire wound resistors should be
avoided because of their additional series inductance. Use
of sockets should also be avoided if possible. Sockets add
parasitic inductance and capacitance that can result in
compromised performance. Minimizing parasitic capacitance
at the amplifier’s inverting input pin is very important. The
feedback resistor should be placed very close to the
inverting input pin. Strip line design techniques are
recommended for the signal traces.
PD
MAX
T
JMAX
T
AMAX
Θ
JA
---------------------------------------------
=
PD
i
V
S
I
SMAX
V
S
ΔV
O
R
LD
------------
×
+
×
⎝⎠
⎜⎟
⎛⎞
×
=
EL5170, EL5370


Similar Part No. - EL5170IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5170IYZ-T13 INTERSIL-EL5170IYZ-T13 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5170IYZ-T13 INTERSIL-EL5170IYZ-T13 Datasheet
395Kb / 14P
   100MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5170IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170 Datasheet
395Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5170 RENESAS-EL5170 Datasheet
720Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com