Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA110 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # SA110
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SA110 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SA110 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SA110 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SA110 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SA110 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.galaxycn.com
BLGALAXYELECTRICAL
MIN
MAX
SA18
20.0
24.4
1.0
18.0
1.0
15.5
32.2
21.0
SA18A
20.0
22.1
1.0
18.0
1.0
17.1
29.2
20.0
SA20
22.2
27.1
1.0
20.0
1.0
14.0
35.8
25.0
SA20A
22.2
24.5
1.0
20.0
1.0
15.4
32.4
23.0
SA22A
24.4
29.8
1.0
22.0
1.0
22.7
39.4
28.0
SA22A
24.4
26.9
1.0
22.0
1.0
14.1
35.5
25.0
SA24
26.7
32.6
1.0
24.0
1.0
11.6
43.0
31.0
SA24A
26.7
29.5
1.0
24.0
1.0
12.9
38.9
28.0
SA26
28.9
35.3
1.0
26.0
1.0
10.7
46.6
31.0
SA26A
28.9
31.9
1.0
26.0
1.0
11.9
42.1
30.0
SA28
31.1
38.0
1.0
28.0
1.0
10.0
50.1
35.0
SA28A
31.1
34.4
1.0
28.0
1.0
11.0
45.4
31.0
SA30
33.3
40.7
1.0
30.0
1.0
9.3
53.5
39.0
SA30A
33.3
36.8
1.0
30.0
1.0
10
48.4
36.0
SA33
36.7
44.9
1.0
33.0
1.0
8.5
59.0
42.0
SA33A
36.7
40.6
1.0
33.0
1.0
9.4
53.3
39.0
SA36
40.0
48.9
1.0
36.0
1.0
7.8
64.3
46.0
SA36A
40.0
44.2
1.0
36.0
1.0
8.6
58.1
41.0
SA40
44.4
54.3
1.0
40.0
1.0
7.0
71.4
51.0
SA40A
44.4
49.1
1.0
40.0
1.0
7.8
64.5
46.0
SA43
47.8
58.4
1.0
43.0
1.0
6.5
76.7
55.0
SA43A
47.8
52.8
1.0
43.0
1.0
7.2
69.4
50.0
SA45
50.0
61.1
1.0
45.0
1.0
6.2
80.3
58.0
SA45A
50.0
55.3
1.0
45.0
1.0
6.9
72.7
52.0
SA48
53.3
65.2
1.0
48.0
1.0
5.8
85.5
63.0
SA48A
53.3
58.9
1.0
48.0
1.0
6.5
77.4
56.0
SA51
56.7
69.3
1.0
51.0
1.0
5.5
91.1
66.0
SA51A
56.7
62.7
1.0
51.0
1.0
6.1
82.4
61.0
SA54
60.0
73.3
1.0
54.0
1.0
5.2
96.3
71.0
SA54A
60.0
66.3
1.0
54.0
1.0
5.7
87.1
65.0
SA58
64.4
78.7
1.0
58.0
1.0
4.9
103
78.0
SA58A
64.4
71.2
1.0
58.0
1.0
5.3
93.6
70.0
ELECTRICAL CHARACTERISTICS at(TA=25
unless otherwise noted)
TABLE 1(Cont'd)
Device Type
Breakdown voltage
V(BR)
(Volts) (NOTE1)
Test
current
at
IT
(m A)
Stand-off
voltage
VWM
(Volts)
Maximum
reverse
leakage
at VWM
ID (NOTE3)
( A)
Maximum
peak pulse
current
IPPM
(NOTE 2)
(Amps)
Maximum
clamping
voltage at
IPPM
VC(Volts)
Maximum
temperature
coefficient
of V(BR)
(m V/ )
Document Number 0285012
3.


Similar Part No. - SA110

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SA110 YANGJIE-SA110 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA110 PANJIT-SA110 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA110 FCI-SA110 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA110 LUGUANG-SA110 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
RFE international
SA110 RFE-SA110 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
More results

Similar Description - SA110

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com