Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5256IY Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5256IY
Description  <1mV Voltage Offset, 600MHz Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5256IY Datasheet(HTML) 5 Page - Intersil Corporation

  EL5256IY Datasheet HTML 1Page - Intersil Corporation EL5256IY Datasheet HTML 2Page - Intersil Corporation EL5256IY Datasheet HTML 3Page - Intersil Corporation EL5256IY Datasheet HTML 4Page - Intersil Corporation EL5256IY Datasheet HTML 5Page - Intersil Corporation EL5256IY Datasheet HTML 6Page - Intersil Corporation EL5256IY Datasheet HTML 7Page - Intersil Corporation EL5256IY Datasheet HTML 8Page - Intersil Corporation EL5256IY Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN7386.5
September 13, 2007
FIGURE 5. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 6. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 7. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 8. FREQUENCY RESPONSE vs POWER SUPPLY
FIGURE 9. EL5256 SMALL SIGNAL FREQUENCY
RESPONSE FOR VARIOUS GAINS
FIGURE 10. SMALL SIGNAL INVERTING FREQUENCY
RESPONSE FOR VARIOUS GAINS
Typical Performance Curves (Continued)
AV = +2
RL = 500Ω
RF = RG = 500Ω
CL = 22pF
CL = 10pF
CL = 0pF
CL = 4.7pF
5
FREQUENCY (Hz)
3
1
-1
-3
-5
100k
1M
10M
100M
1G
CL = 8.2pF
AV = +2
RL = 150Ω
RF = RG = 562Ω
CL = 180pF
CL = 100pF
CL = 33pF
CL = 10pF
CL = 0pF
16
FREQUENCY (Hz)
12
8
4
0
-4
100k
1M
10M
100M
1G
AV = +5
RL = 500Ω
CL = 100pF
CL = 22pF
CL = 68pF
CL = 82pF
5
FREQUENCY (Hz)
3
1
-1
-3
-5
100k
1M
10M
100M
1G
AV = +1
RL = 500Ω
CL = 4.7pF
±2.0V
±3.0V
±4.0V
±5.0V
5
FREQUENCY (Hz)
3
1
-1
-3
-5
100k
1M
10M
100M
1G
AV = +1
RL = 500Ω
CL = 4.7pF
AV = +1
AV = +5
AV = +2
5
FREQUENCY (Hz)
3
1
-1
-3
-5
100k
1M
10M
100M
1G
VS = ±5V
RF = 620Ω
RL = 150Ω
AV = -1
AV = -2
4
FREQUENCY (Hz)
2
0
-2
-4
-6
100k
1M
10M
100M
1G
EL5156, EL5157, EL5256, EL5257


Similar Part No. - EL5256IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5256IY INTERSIL-EL5256IY Datasheet
423Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5256IY INTERSIL-EL5256IY Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
EL5256IY RENESAS-EL5256IY Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5256IY-T13 INTERSIL-EL5256IY-T13 Datasheet
423Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5256IY-T13 INTERSIL-EL5256IY-T13 Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
More results

Similar Description - EL5256IY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5156 RENESAS-EL5156 Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5156 INTERSIL-EL5156_06 Datasheet
423Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5156 INTERSIL-EL5156 Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
REAC1251J RENESAS-REAC1251J Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV(@-40℃ to 125℃)
2021.7.12
logo
Elantec Semiconductor
EL4344C ELANTEC-EL4344C Datasheet
36Kb / 5P
   600MHz Multiplexing Amplifiers
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com