Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5221 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5221
Description  Dual 12MHz Rail-to-Rail Input-Output Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5221 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5221_07 Datasheet HTML 3Page - Intersil Corporation EL5221_07 Datasheet HTML 4Page - Intersil Corporation EL5221_07 Datasheet HTML 5Page - Intersil Corporation EL5221_07 Datasheet HTML 6Page - Intersil Corporation EL5221_07 Datasheet HTML 7Page - Intersil Corporation EL5221_07 Datasheet HTML 8Page - Intersil Corporation EL5221_07 Datasheet HTML 9Page - Intersil Corporation EL5221_07 Datasheet HTML 10Page - Intersil Corporation EL5221_07 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN7187.2
July 25, 2007
Typical Performance Curves (Continued)
Maximum Output Swing vs Frequency
Frequency (Hz)
10k
100k
0
2
4
12
1M
6
10M
VS=±5V
TA=25°C
RL=10kΩ
CL=12pF
Distortion <1%
8
10
PSRR vs Frequency
100
0
Frequency (Hz)
80
60
40
20
1M
10M
10k
100k
VS=±5V
TA=25°C
1k
PSRR+
PSRR-
Input Voltage Noise Spectral Density vs Frequency
100
100k
100M
10
100
Frequency (Hz)
1
10M
1k
10k
1M
600
1k
10k
100k
0.005
0.008
Total Harmonic Distortion + Noise vs Frequency
Frequency (Hz)
Channel Separation vs Frequency Response
1k
-60
Frequency (Hz)
-140
-120
-100
-80
0.010
0.001
0.003
Dual measured Channel A to B
Quad measured Channel A to D or B to C
Other combinations yield improved
rejection.
1M
6M
10k
100k
VS=±5V
RL=10kΩ
VIN=220mVRMS
VS=±5V
RL=10kΩ
VIN=1VRMS
0.006
0.009
0.007
0.004
0.002
Output Impedance vs Frequency
Frequency (Hz)
10k
100k
0
40
80
120
200
1M
160
10M
VS=±5V
TA=25°C
EL5221


Similar Part No. - EL5221_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5221CW-T13 ELANTEC-EL5221CW-T13 Datasheet
263Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221CW-T13 INTERSIL-EL5221CW-T13 Datasheet
166Kb / 11P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5221CW-T7 ELANTEC-EL5221CW-T7 Datasheet
263Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221CW-T7 INTERSIL-EL5221CW-T7 Datasheet
166Kb / 11P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
More results

Similar Description - EL5221_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221 Datasheet
166Kb / 11P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Intersil Corporation
EL5421 INTERSIL-EL5421_07 Datasheet
179Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421 INTERSIL-EL5421 Datasheet
228Kb / 11P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com