Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5192 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5192
Description  600MHz Current Feedback Amplifier with Enable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5192 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5192_07 Datasheet HTML 6Page - Intersil Corporation EL5192_07 Datasheet HTML 7Page - Intersil Corporation EL5192_07 Datasheet HTML 8Page - Intersil Corporation EL5192_07 Datasheet HTML 9Page - Intersil Corporation EL5192_07 Datasheet HTML 10Page - Intersil Corporation EL5192_07 Datasheet HTML 11Page - Intersil Corporation EL5192_07 Datasheet HTML 12Page - Intersil Corporation EL5192_07 Datasheet HTML 13Page - Intersil Corporation EL5192_07 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN7181.3
May 16, 2007
Typical Performance Curves (Continued)
Output Voltage Swing vs Frequency
THD<1%
1
Frequency (MHz)
10
100
9
0
5
6
7
8
1
Frequency (MHz)
10
100
10
0
2
4
6
8
Output Voltage Swing vs Frequency
THD<0.1%
1
2
3
4
AV=2
AV=2
Small Signal Step Response
Large Signal Step Response
Settling Time vs Settling Accuracy
25
20
15
10
5
0
0.01
0.1
1
Settling Accuracy (%)
200mV/div
10ns/div
1V/div
10ns/div
VS=±5V
RL=150Ω
AV=2
RF=RG=375Ω
Transimpedance (RoI) vs Temperature
500
450
350
300
-40
10
60
110
160
Die Temperature (°C)
400
RL=150Ω
RL=500Ω
RL=150Ω
RL=500Ω
VS=±5V
RL=150Ω
AV=2
RF=RG=375Ω
AV=2
RF=RG=375Ω
RL=150Ω
VSTEP=5VP-P output
EL5192, EL5192A


Similar Part No. - EL5192_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5192A RENESAS-EL5192A Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5192ACS RENESAS-EL5192ACS Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5192ACS-T13 RENESAS-EL5192ACS-T13 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5192ACS-T7 RENESAS-EL5192ACS-T7 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5192ACSZ RENESAS-EL5192ACSZ Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5192_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5292 RENESAS-EL5292 Datasheet
794Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com