Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5197CW-T7A Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5197CW-T7A
Description  Single 200MHz Fixed Gain Amplifier with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5197CW-T7A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5197CW-T7A Datasheet HTML 2Page - Intersil Corporation EL5197CW-T7A Datasheet HTML 3Page - Intersil Corporation EL5197CW-T7A Datasheet HTML 4Page - Intersil Corporation EL5197CW-T7A Datasheet HTML 5Page - Intersil Corporation EL5197CW-T7A Datasheet HTML 6Page - Intersil Corporation EL5197CW-T7A Datasheet HTML 7Page - Intersil Corporation EL5197CW-T7A Datasheet HTML 8Page - Intersil Corporation EL5197CW-T7A Datasheet HTML 9Page - Intersil Corporation EL5197CW-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN7184.2
May 16, 2007
Typical Performance Curves (Continued)
PSRR and CMRR vs Frequency
Frequency (Hz)
20
-80
-60
-40
-20
0
10k
100k
1M
10M
1G
100M
-3dB Bandwidth vs Supply Voltage
56
8
10
250
200
150
100
Total Supply Voltage (V)
AV = 2
Peaking vs Supply Voltage
5
4
3
2
0
Total Supply Voltage (V)
AV = 2
AV = -1
AV = 1
RL = 150Ω
79
AV = -1
AV = 1
56
8
10
79
1
-3dB Bandwidth vs Temperature
-40
10
60
160
300
250
200
100
0
Ambient Temperature (°C)
Peaking vs Temperature
1
0.8
0.4
0.2
0
Ambient Temperature (°C)
RL = 150Ω
110
150
50
0.6
-40
10
60
160
110
Voltage and Current Noise vs Frequency
100
Frequency (Hz)
1k
10k
100k
10M
1M
iN+
iN-
eN
1k
1
10
100
PSRR+
PSRR-
CMRR
RL = 150Ω
RL = 150Ω
EL5197, EL5197A


Similar Part No. - EL5197CW-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5197CW-T7A INTERSIL-EL5197CW-T7A Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
More results

Similar Description - EL5197CW-T7A

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
291Kb / 14P
   Single 200MHz Fixed Gain Amplifier
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com