Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5191 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5191
Description  1GHz Current Feedback Amplifier with Enable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5191 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5191 Datasheet HTML 1Page - Intersil Corporation EL5191 Datasheet HTML 2Page - Intersil Corporation EL5191 Datasheet HTML 3Page - Intersil Corporation EL5191 Datasheet HTML 4Page - Intersil Corporation EL5191 Datasheet HTML 5Page - Intersil Corporation EL5191 Datasheet HTML 6Page - Intersil Corporation EL5191 Datasheet HTML 7Page - Intersil Corporation EL5191 Datasheet HTML 8Page - Intersil Corporation EL5191 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN7180.3
May 16, 2007
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG. DWG. #
EL5191CS
5191CS
-
8 Ld SOIC (150 mil)
MDP0027
EL5191CSZ (Note)
5191CSZ
-
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL5191CSZ-T7 (Note)
5191CSZ
7”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL5191CSZ-T13 (Note)
5191CSZ
13”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL5191CW-T7
N
7”
5 Ld SOT-23
MDP0038
EL5191CWZ-T7 (Note)
BAAR
7”
5 Ld SOT-23 (Pb-free)
MDP0038
EL5191ACS
5191ACS
-
8 Ld SOIC (150 mil)
MDP0027
EL5191ACS-T7
5191ACS
7”
8 Ld SOIC (150 mil)
MDP0027
EL5191ACS-T13
5191ACS
13”
8 Ld SOIC (150 mil)
MDP0027
EL5191ACSZ (Note)
5191ACS Z
-
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL5191ACSZ-T7 (Note)
5191ACS Z
7”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL5191ACSZ-T13 (Note)
5191ACS Z
13”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL5191, EL5191A


Similar Part No. - EL5191

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5191 INTERSIL-EL5191 Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
EL5191A INTERSIL-EL5191A Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
EL5191ACS INTERSIL-EL5191ACS Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
EL5191ACS-T13 INTERSIL-EL5191ACS-T13 Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
EL5191ACS-T7 INTERSIL-EL5191ACS-T7 Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5191

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5191 INTERSIL-EL5191 Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5191C ELANTEC-EL5191C Datasheet
369Kb / 17P
   1GHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
   1GHz Triple Current Feedback Amplifier
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com