Electronic Components Datasheet Search |
|
EL5193CWZ-T7A Datasheet(PDF) 3 Page - Intersil Corporation |
|
EL5193CWZ-T7A Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 20 page 3 FN7182.4 May 16, 2007 Absolute Maximum Ratings (TA = +25°C) Thermal Information Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . . . 11V Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA Electrical Specifications VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RF = 400Ω for AV = 2, RL = 150Ω, TA = +25°C Unless Otherwise Specified. Parameter Description Conditions Min Typ Max Unit AC PERFORMANCE BW -3dB Bandwidth AV = +1 300 MHz AV = +2 200 MHz BW1 0.1dB Bandwidth 20 MHz SR Slew Rate VO = -2.5V to +2.5V, AV = +2 2300 2600 V/µs tS 0.1% Settling Time VOUT = -2.5V to +2.5V, AV = -1 12 ns eN Input Voltage Noise 4.4 nV/ √Hz iN- IN- Input Current Noise 17 pA/ √Hz iN+ IN+ Input Current Noise 50 pA/ √Hz dG Differential Gain Error (Note 1) AV = +2 0.03 % dP Differential Phase Error (Note 1) AV = +2 0.04 ° DC PERFORMANCE VOS Offset Voltage -10 1 10 mV TCVOS Input Offset Voltage Temperature Coefficient Measured from TMIN to TMAX 5µV/°C ROL Transimpedance 300 500 k Ω INPUT CHARACTERISTICS CMIR Common Mode Input Range ±3 ±3.3 V CMRR Common Mode Rejection Ratio 42 50 dB -ICMR - Input Current Common Mode Rejection -6 6 µA/V +IIN + Input Current -60 1 80 µA -IIN - Input Current -30 1 30 µA RIN Input Resistance 45 k Ω CIN Input Capacitance 0.5 pF OUTPUT CHARACTERISTICS VO Output Voltage Swing RL = 150Ω to GND ±3.4 ±3.7 V RL = 1kΩ to GND ±3.8 ±4.0 V IOUT Output Current RL = 10Ω to GND 95 120 mA SUPPLY ISON Supply Current - Enabled No load, VIN = 0V 3 4 5 mA EL5193, EL5193A |
Similar Part No. - EL5193CWZ-T7A |
|
Similar Description - EL5193CWZ-T7A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |