Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5360IS-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5360IS-T7
Description  200MHz Low-Power Current Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5360IS-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5360IS-T7 Datasheet HTML 3Page - Intersil Corporation EL5360IS-T7 Datasheet HTML 4Page - Intersil Corporation EL5360IS-T7 Datasheet HTML 5Page - Intersil Corporation EL5360IS-T7 Datasheet HTML 6Page - Intersil Corporation EL5360IS-T7 Datasheet HTML 7Page - Intersil Corporation EL5360IS-T7 Datasheet HTML 8Page - Intersil Corporation EL5360IS-T7 Datasheet HTML 9Page - Intersil Corporation EL5360IS-T7 Datasheet HTML 10Page - Intersil Corporation EL5360IS-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN7387.9
May 7, 2007
FIGURE 9. DISABLE DELAY TIME
FIGURE 10. ENABLE DELAY TIME
FIGURE 11. PSSR
FIGURE 12. CLOSED LOOP OUTPUT IMPEDANCE
FIGURE 13. FREQUENCY RESPONSE FOR VARIOUS GAIN
SETTINGS
FIGURE 14. FREQUENCY RESPONSE FOR VARIOUS
FEEDBACK RESISTORS, AV=-1
Typical Performance Curves (Continued)
5V/DIV
400ns/DIV
VCC=+5V
VEE=-5V
200mV/DIV
VOUT
CE
VCC=+5V
VEE=-5V
5V/DIV
200mV/DIV
VOUT
CE
400ns/DIV
VCC
VEE
VCC=+5V
VEE=-5V
1K
10K
10M
100M
1G
0
-20
-40
-60
-80
-100
FREQUENCY (Hz)
1M
100K
VCC=+5V
VEE=-5V
10K
100K
100M
1K
100
10
1
100m
10m
FREQUENCY (Hz)
10M
1M
VS=±5V
RF=1.5kΩ
RG=750Ω
RL=150Ω
AV=+2
AV=-2
AV=-5
100K
1M
1G
4
2
0
-2
-4
-6
FREQUENCY (Hz)
100M
10M
VS=±5V
AV=-1
RG=768Ω
RL=150Ω
100K
1M
1G
4
2
0
-2
-4
-6
FREQUENCY (Hz)
100M
10M
RF=768Ω
RF=1kΩ
RF=1.5kΩ
RF=1.2kΩ
EL5160, EL5161, EL5260, EL5261, EL5360


Similar Part No. - EL5360IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5360IS-T7 INTERSIL-EL5360IS-T7 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5360IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com