Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5360IU Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5360IU
Description  200MHz Low-Power Current Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5360IU Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5360IU Datasheet HTML 5Page - Intersil Corporation EL5360IU Datasheet HTML 6Page - Intersil Corporation EL5360IU Datasheet HTML 7Page - Intersil Corporation EL5360IU Datasheet HTML 8Page - Intersil Corporation EL5360IU Datasheet HTML 9Page - Intersil Corporation EL5360IU Datasheet HTML 10Page - Intersil Corporation EL5360IU Datasheet HTML 11Page - Intersil Corporation EL5360IU Datasheet HTML 12Page - Intersil Corporation EL5360IU Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN7387.9
May 7, 2007
Applications Information
Product Description
The EL5160, EL5161, EL5260, EL5261, and EL5360 are low
power, current-feedback operational amplifiers that offer a
wide -3dB bandwidth of 200MHz and a low supply current of
0.75mA per amplifier. The EL5160, EL5161, EL5260,
EL5261, and EL5360 work with supply voltages ranging from
a single 5V to 10V and they are also capable of swinging to
within 1V of either supply on the output. Because of their
current-feedback topology, the EL5160, EL5161, EL5260,
EL5261, and EL5360 do not have the normal gain-
bandwidth product associated with voltage-feedback
operational amplifiers. Instead, their -3dB bandwidth to
remain relatively constant as closed-loop gain is increased.
This combination of high bandwidth and low power, together
with aggressive pricing make the EL5160, EL5161, EL5260,
EL5261, and EL5360 ideal choices for many low-
power/high-bandwidth applications such as portable,
handheld, or battery-powered equipment.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit
board layout is necessary for optimum performance. Low
impedance ground plane construction is essential. Surface
mount components are recommended, but if leaded
components are used, lead lengths should be as short as
possible. The power supply pins must be well bypassed to
reduce the risk of oscillation. The combination of a 4.7µF
tantalum capacitor in parallel with a 0.01µF capacitor has
been shown to work well when placed at each supply pin.
For good AC performance, parasitic capacitance should be
kept to a minimum, especially at the inverting input. (See the
Capacitance at the Inverting Input section) Even when
ground plane construction is used, it should be removed
from the area near the inverting input to minimize any stray
capacitance at that node. Carbon or Metal-Film resistors are
acceptable with the Metal-Film resistors giving slightly less
peaking and bandwidth because of additional series
inductance. Use of sockets, particularly for the SO package,
should be avoided if possible. Sockets add parasitic
inductance and capacitance which will result in additional
peaking and overshoot.
Pin Descriptions
EL5160
(8 Ld SOIC)
EL5160
(6 Ld SOT-23)
EL5161
(5 Ld SOT-23)
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
1, 5
NC
Not connected
2
4
4
IN-
Inverting input
Circuit 1
3
3
3
IN+
Non-inverting input
(See circuit 1)
4
2
2
VS-
Negative supply
6
1
1
OUT
Output
Circuit 2
7
6
5
VS+
Positive supply
85
CE
Chip enable
Circuit 3
IN-
IN+
VS+
VS-
VS+
VS-
OUT
VS+
VS-
CE
EL5160, EL5161, EL5260, EL5261, EL5360


Similar Part No. - EL5360IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5360IU INTERSIL-EL5360IU Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5360IU-T13 INTERSIL-EL5360IU-T13 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5360IU-T7 INTERSIL-EL5360IU-T7 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5360IUZ INTERSIL-EL5360IUZ Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5360IUZ RENESAS-EL5360IUZ Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5360IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com