Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5378 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5378
Description  700MHz Differential Twisted-Pair Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5378 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5378 Datasheet HTML 1Page - Intersil Corporation EL5378 Datasheet HTML 2Page - Intersil Corporation EL5378 Datasheet HTML 3Page - Intersil Corporation EL5378 Datasheet HTML 4Page - Intersil Corporation EL5378 Datasheet HTML 5Page - Intersil Corporation EL5378 Datasheet HTML 6Page - Intersil Corporation EL5378 Datasheet HTML 7Page - Intersil Corporation EL5378 Datasheet HTML 8Page - Intersil Corporation EL5378 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
FN7491.3
May 16, 2007
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG. DWG. #
EL5178IS
5178IS
-
8 Ld SOIC (150 mil)
MDP0027
EL5178IS-T7
5178IS
7”
8 Ld SOIC (150 mil)
MDP0027
EL5178IS-T13
5178IS
13”
8 Ld SOIC (150 mil)
MDP0027
EL5178ISZ (Note)
5178ISZ
-
8 Ld SOIC (150 mil) (Pb-Free)
MDP0027
EL5178ISZ-T7 (Note)
5178ISZ
7”
8 Ld SOIC (150 mil) (Pb-Free)
MDP0027
EL5178ISZ-T13 (Note)
5178ISZ
13”
8 Ld SOIC (150 mil) (Pb-Free)
MDP0027
EL5178IY
BBGAA
-
8 Ld MSOP (3.0mm)
MDP0043
EL5178IY-T7
BBGAA
7”
8 Ld MSOP (3.0mm)
MDP0043
EL5178IY-T13
BBGAA
13”
8 Ld MSOP (3.0mm)
MDP0043
EL5178IYZ (Note)
BBHAA
-
8 Ld MSOP (3.0mm) (Pb-Free)
MDP0043
EL5178IYZ-T7 (Note)
BBHAA
7”
8 Ld MSOP (3.0mm) (Pb-Free)
MDP0043
EL5178IYZ-T13 (Note)
BBHAA
13”
8 Ld MSOP (3.0mm) (Pb-Free)
MDP0043
EL5378IU
EL5378IU
-
28 Ld QSOP (150 mil)
MDP0040
EL5378IU-T7
EL5378IU
7”
28 Ld QSOP (150 mil)
MDP0040
EL5378IU-T13
EL5378IU
13”
28 Ld QSOP (150 mil)
MDP0040
EL5378IUZ (Note)
EL5378IUZ
-
28 Ld QSOP (150 mil) (Pb-Free)
MDP0040
EL5378IUZ-T7 (Note)
EL5378IUZ
7”
28 Ld QSOP (150 mil) (Pb-Free)
MDP0040
EL5378IUZ-T13 (Note)
EL5378IUZ
13”
28 Ld QSOP (150 mil) (Pb-Free)
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL5178, EL5378


Similar Part No. - EL5378

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5378 INTERSIL-EL5378 Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
EL5378IU INTERSIL-EL5378IU Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5378IUZ INTERSIL-EL5378IUZ Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5378IUZ INTERSIL-EL5378IUZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
logo
Renesas Technology Corp
EL5378IUZ RENESAS-EL5378IUZ Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5378

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com