Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5178IS-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5178IS-T13
Description  700MHz Differential Twisted-Pair Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5178IS-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5178IS-T13 Datasheet HTML 6Page - Intersil Corporation EL5178IS-T13 Datasheet HTML 7Page - Intersil Corporation EL5178IS-T13 Datasheet HTML 8Page - Intersil Corporation EL5178IS-T13 Datasheet HTML 9Page - Intersil Corporation EL5178IS-T13 Datasheet HTML 10Page - Intersil Corporation EL5178IS-T13 Datasheet HTML 11Page - Intersil Corporation EL5178IS-T13 Datasheet HTML 12Page - Intersil Corporation EL5178IS-T13 Datasheet HTML 13Page - Intersil Corporation EL5178IS-T13 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN7491.3
May 16, 2007
FIGURE 29. SLEW RATE vs TEMPERATURE
FIGURE 30. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 31. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
VOUT=3Vpp
607mW
θJA=206°C/W
MSOP8
1.263W
θJA=99°C/W
QSOP28
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
781mW
θJA=160°C/W
SO8
0
25
75
100
150
1.4
1
0
AMBIENT TEMPERATURE (°C)
1.2
0.8
50
125
0.4
0.6
0.2
85
1.087W
θ
JA=115°C/W
MSOP8
1.583W
θJA=79°C/W
QSOP28
1.136W
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
25
75
100
150
1.8
1.4
0.4
0
AMBIENT TEMPERATURE (°C)
1.6
1.2
0.2
50
125
0.8
1
0.6
θ
JA=110°C/W
SO8
85
EL5178, EL5378


Similar Part No. - EL5178IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5178IS INTERSIL-EL5178IS Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
logo
Renesas Technology Corp
EL5178ISZ RENESAS-EL5178ISZ Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5178IS-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com