Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5177IY-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5177IY-T7
Description  550MHz Differential Twisted-Pair Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5177IY-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5177IY-T7 Datasheet HTML 1Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 2Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 3Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 4Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 5Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 6Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 7Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 8Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN7344.4
May 10, 2007
Connection Diagram
1
2
3
4
10
9
8
7
FBP
IN+
REF
IN-
OUT+
VS-
VS+
EN
5
6
FBN
OUT-
0
Ω
RF2
0
Ω
RF1
50
Ω
RS3
50
Ω
RS1
50
Ω
RS2
OPEN
RG
INN-
INP
1k
Ω
-5V
+5V
OUT+
OUT-
EN
VREF
RLD
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE
FIGURE 2. FREQUENCY RESPONSE FOR VARIOUS GAIN
FIGURE 3. FREQUENCY RESPONSE vs CLD
FIGURE 4. FREQUENCY RESPONSE vs RLD
4
3
1
0
-2
-3
-5
-6
10M
100M
1G
FREQUENCY (Hz)
-4
-1
2
1M
AV = 1, RLD = 1kΩ, CLD = 2.7pF
VOP-P = 200mV
VOP-P = 1V
4
3
1
0
-2
-3
-5
-6
10M
100M
1G
FREQUENCY (Hz)
-4
-1
2
1M
AV = 2
AV = 5
AV = 10
AV = 1
RLD = 1kΩ, CLD = 2.7pF
10
8
4
2
-2
-4
-8
-10
10M
100M
1G
FREQUENCY (Hz)
-6
0
6
1M
AV = 1, RLD = 1kΩ
CLD = 50pF
CLD = 34pF
CLD = 23pF
CLD = 2.7pF
CLD = 9pF
4
3
1
0
-2
-3
-5
-6
10M
100M
1G
FREQUENCY (Hz)
-4
-1
2
1M
RLD = 500Ω
RLD= 200Ω
RLD= 1kΩ
AV = 1, CLD = 2.7pF
EL5177


Similar Part No. - EL5177IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5177IY-T7 INTERSIL-EL5177IY-T7 Datasheet
423Kb / 11P
   550MHz Differential Twisted-Pair Driver
More results

Similar Description - EL5177IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
   550MHz Differential Twisted-Pair Driver
EL5177 INTERSIL-EL5177_05 Datasheet
423Kb / 11P
   550MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
   550MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5174 INTERSIL-EL5174 Datasheet
563Kb / 15P
   550MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5174 RENESAS-EL5174 Datasheet
774Kb / 15P
   550MHz Differential Twisted-Pair Drivers
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL2141 INTERSIL-EL2141 Datasheet
270Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Elantec Semiconductor
EL2140C ELANTEC-EL2140C Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com