Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5173 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5173
Description  450MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5173 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5173 Datasheet HTML 1Page - Intersil Corporation EL5173 Datasheet HTML 2Page - Intersil Corporation EL5173 Datasheet HTML 3Page - Intersil Corporation EL5173 Datasheet HTML 4Page - Intersil Corporation EL5173 Datasheet HTML 5Page - Intersil Corporation EL5173 Datasheet HTML 6Page - Intersil Corporation EL5173 Datasheet HTML 7Page - Intersil Corporation EL5173 Datasheet HTML 8Page - Intersil Corporation EL5173 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN7312.7
February 4, 2008
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6V
Supply Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs max.
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Recommended Operating Temperature . . . . . . . . . . -40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = +25°C, VIN = 0V, RLD = 200Ω, CLD = 1pF, Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
450
MHz
BW
±0.1dB Bandwidth
60
MHz
SR
Slew Rate - EL5173
VOUT = 2VP-P, 20% to 80%
750
900
V/µs
Slew Rate - EL5373
VOUT = 2VP-P, 20% to 80%
900
1100
V/µs
TSTL
Settling Time to 0.1%
VOUT = 2VP-P
10
ns
OS
Overshoot
VODP-P = 2V
10
%
TOVR
Output Overdrive Recovery Time
10
ns
VREFBW (-3dB)
VREF -3dB Bandwidth
AV =1, CLD = 2.7pF
190
MHz
VREFSR+
VREF Slew Rate - Rise
VOUT = 2VP-P, 20% to 80%
200
V/µs
VREFSR-
VREF Slew Rate - Fall
VOUT = 2VP-P, 20% to 80%
125
V/µs
VN
Input Voltage Noise
f = 10kHz
25
nV/
√Hz
HD2
Second Harmonic Distortion
VOUT = 2VP-P, 5MHz
84
dBc
HD2
Second Harmonic Distortion
VOUT = 2VP-P, 20MHz
71
dBc
HD3
Third Harmonic Distortion
VOUT = 2VP-P, 5MHz
62
dBc
HD3
Third Harmonic Distortion
VOUT = 2VP-P, 20MHz
53
dBc
dG
Differential Gain at 3.58MHz
RLD = 300Ω, AV = 2
0.05
%
d
θ
Differential Phase at 3.58MHz
RLD = 300Ω, AV = 2
0.08
°
eS
Channel Separation - for EL5373 only
at 1MHz
90
dB
INPUT CHARACTERISTICS
VOS
Input Referred Offset Voltage
±3
±30
mV
IIN
Input Bias Current (VIN, VINB)
EL5173
-21
-11
-5
µA
EL5373
-21
-13
-5
µA
IREF
INput Bias Current at REF
VREF = +3.2V
1
5
µA
VREF = -3.2V
-1
+1
µA
Gain
Gain Accuracy
VIN = ±1V
1.97
1.99
2.01
V
RIN
Differential Input Resistance
150
k
Ω
CIN
Differential Input Capacitance
1
pF
DMIR
Differential Mode Input Range
±2
±2.3
V
CMIR+
Common Mode Positive Input Range at
VIN+, VIN-
3.1
3.4
V
EL5173, EL5373


Similar Part No. - EL5173

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5173 INTERSIL-EL5173 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173 Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173IS INTERSIL-EL5173IS Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173IS INTERSIL-EL5173IS Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5173

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173 Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com