Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5177IYZ-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5177IYZ-T7
Description  550MHz Differential Twisted-Pair Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5177IYZ-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5177IYZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN7344.4
May 10, 2007
be used. In this case, the VS- pin becomes the negative
supply rail.
For good AC performance, parasitic capacitance should be
kept to minimum. Use of wire wound resistors should be
avoided because of their additional series inductance. Use
of sockets should also be avoided if possible. Sockets add
parasitic inductance and capacitance that can result in
compromised performance. Minimizing parasitic capacitance
at the amplifier's inverting input pin is very important. The
feedback resistor should be placed very close to the
inverting input pin. Strip line design techniques are
recommended for the signal traces.
Typical Applications
FIGURE 24. TWISTED PAIR CABLE RECEIVER
As the signal is transmitted through a cable, the high
frequency signal will be attenuated. One way to compensate
this loss is to boost the high frequency gain at the receiver
side.
FIGURE 25. TRANSMIT EQUALIZER
FBP
RG
RF
IN+
IN-
REF
FBN
RF
RFR
RGR
IN+
IN-
REF
EL5175
EL5177
VO
50
50
RT
TWISTED PAIR
ZO = 100Ω
VO+
FBP
RF
IN+
IN-
REF
FBN
RF
VO-
RG
RT
RGC
CL
75
fL
fH
FREQUENCY
GAIN
(dB)
f
H
1
2
πR
GCCC
-----------------------------
f
L
1
2
πR
G CC
-------------------------
DC Gain
1
2R
F
R
G
-----------
+
=
HF
()Gain
1
2R
F
R
G
R
GC
||
--------------------------
+
=
EL5177


Similar Part No. - EL5177IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5177IYZ-T7 INTERSIL-EL5177IYZ-T7 Datasheet
423Kb / 11P
   550MHz Differential Twisted-Pair Driver
More results

Similar Description - EL5177IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
   550MHz Differential Twisted-Pair Driver
EL5177 INTERSIL-EL5177_05 Datasheet
423Kb / 11P
   550MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
   550MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5174 INTERSIL-EL5174 Datasheet
563Kb / 15P
   550MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5174 RENESAS-EL5174 Datasheet
774Kb / 15P
   550MHz Differential Twisted-Pair Drivers
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL2141 INTERSIL-EL2141 Datasheet
270Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Elantec Semiconductor
EL2140C ELANTEC-EL2140C Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com