Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5373 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5373
Description  450MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5373 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5373 Datasheet HTML 4Page - Intersil Corporation EL5373 Datasheet HTML 5Page - Intersil Corporation EL5373 Datasheet HTML 6Page - Intersil Corporation EL5373 Datasheet HTML 7Page - Intersil Corporation EL5373 Datasheet HTML 8Page - Intersil Corporation EL5373 Datasheet HTML 9Page - Intersil Corporation EL5373 Datasheet HTML 10Page - Intersil Corporation EL5373 Datasheet HTML 11Page - Intersil Corporation EL5373 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN7312.7
February 4, 2008
FIGURE 7. DIFFERENTIAL MODE OUTPUT BALANCE
ERROR vs FREQUENCY
FIGURE 8. INPUT VOLTAGE NOISE vs FREQUENCY
FIGURE 9. CHANNEL SEPARATION vs FREQUENCY
FIGURE 10. SMALL SIGNAL BANDWIDTH vs SUPPLY
VOLTAGE
FIGURE 11. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 12. HARMONIC DISTORTION vs DIFFERENTIAL
OUTPUT VOLTAGE
Typical Performance Curves (Continued)
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VOCM/VODM
0
-10
-20
-30
-40
-50
-60
VIN
-
+
VOCM
VODM
100
Ω
100
Ω
RT
R
10
100
1000
10
100
1k
10k
100k
1M
10M
FREQENCY (Hz)
-110
-100
-80
-70
-60
-40
-30
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-50
-90
CH3-->CH2
CH2-->CH1
CH1-->CH2
CH1-->CH3
CH3-->CH1
CH2-->CH3
300
320
360
380
420
440
460
46
8
9
11
VS (V)
400
340
57
10
VODMP-P = 200mV, RLD = 200Ω
11.3
11.4
11.6
11.8
11.9
46
8
9
11
VS (V)
11.7
11.5
57
10
IS+
IS-
-55
-40
12
4
5
6
8
9
DIFFERENTIAL OUTPUT VOLTAGE (V)
37
-45
-50
-75
-60
-65
-70
-90
-80
-85
HD3 (f=20MHz)
HD3 (f=5MHz)
HD2 (f=20MHz)
HD2 (f=5MHz)
VS = ±5V, RLD = 200Ω
EL5173, EL5373


Similar Part No. - EL5373

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5373 INTERSIL-EL5373 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5373 RENESAS-EL5373 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5373IU INTERSIL-EL5373IU Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5373IU INTERSIL-EL5373IU Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5373IU-T13 INTERSIL-EL5373IU-T13 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173 Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com