Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5175IS-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5175IS-T13
Description  550MHz Differential Line Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5175IS-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5175IS-T13 Datasheet HTML 4Page - Intersil Corporation EL5175IS-T13 Datasheet HTML 5Page - Intersil Corporation EL5175IS-T13 Datasheet HTML 6Page - Intersil Corporation EL5175IS-T13 Datasheet HTML 7Page - Intersil Corporation EL5175IS-T13 Datasheet HTML 8Page - Intersil Corporation EL5175IS-T13 Datasheet HTML 9Page - Intersil Corporation EL5175IS-T13 Datasheet HTML 10Page - Intersil Corporation EL5175IS-T13 Datasheet HTML 11Page - Intersil Corporation EL5175IS-T13 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN7306.6
FIGURE 7. FREQUENCY RESPONSE FOR VREF
FIGURE 8. OPEN LOOP GAIN
FIGURE 9. OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 10. PSRR vs FREQUENCY
FIGURE 11. CMRR vs FREQUENCY
FIGURE 12. VOLTAGE AND CURRENT NOISE vs FREQUENCY
Typical Performance Curves (Continued)
1M
10M
100M
1G
FREQUENCY (Hz)
4
2
0
-2
-4
-6
RL=500Ω
AV=1
CL=2.7pF
VS=±2.5V
VS=±5V
60
40
20
0
-20
-40
10K
100K
10M
FREQUENCY (Hz)
1M
100M
1G
90
0
-90
-180
-270
-360
10K
100K
1M
100M
FREQUENCY (Hz)
100
10
1
0.1
10M
30
10
-10
-50
-70
-90
10K
100K
10M
FREQUENCY (Hz)
1M
100M
PSRR+
PSRR-
-30
120
100
80
40
20
-90
1K
10K
10M
FREQUENCY (Hz)
1M
1G
60
100M
100K
EN
IN
1K
100
10
1
10
100
100K
FREQUENCY (Hz)
10K
10M
1M
1K
EL5175, EL5375


Similar Part No. - EL5175IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5175IS INTERSIL-EL5175IS Datasheet
441Kb / 15P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5175IS RENESAS-EL5175IS Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
logo
Intersil Corporation
EL5175ISZ INTERSIL-EL5175ISZ Datasheet
441Kb / 15P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5175ISZ RENESAS-EL5175ISZ Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
More results

Similar Description - EL5175IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5175 INTERSIL-EL5175 Datasheet
441Kb / 15P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5175 RENESAS-EL5175 Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com