Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5173IS-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5173IS-T7
Description  450MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5173IS-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5173IS-T7 Datasheet HTML 6Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 7Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 8Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 9Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 10Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 11Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 12Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 13Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN7312.7
February 4, 2008
FIGURE 19. DISABLED RESPONSE
FIGURE 20. ENABLED RESPONSE
FIGURE 21. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
1.136W
θJA = +88°C/W
QSOP24
1.4
1.2
1.0
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
909mW
θJA = +110°C/W
SO8
870mW
θJA = +115°C/W
MSOP8/10
486mW
θJA = +206°C/W
MSOP8
870mW
θJA = +115°C/W
QSOP24
1.2
1.0
0.8
0.6
0.4
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
625mW
θ
JA = +160°C/W
SO8
EL5173, EL5373


Similar Part No. - EL5173IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5173IS-T7 INTERSIL-EL5173IS-T7 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5173IS-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173 Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com