Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5373IU-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5373IU-T13
Description  450MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5373IU-T13 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5373IU-T13 Datasheet HTML 5Page - Intersil Corporation EL5373IU-T13 Datasheet HTML 6Page - Intersil Corporation EL5373IU-T13 Datasheet HTML 7Page - Intersil Corporation EL5373IU-T13 Datasheet HTML 8Page - Intersil Corporation EL5373IU-T13 Datasheet HTML 9Page - Intersil Corporation EL5373IU-T13 Datasheet HTML 10Page - Intersil Corporation EL5373IU-T13 Datasheet HTML 11Page - Intersil Corporation EL5373IU-T13 Datasheet HTML 12Page - Intersil Corporation EL5373IU-T13 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN7312.7
February 4, 2008
FIGURE 13. HARMONIC DISTORTION vs RLD
FIGURE 14. HARMONIC DISTORTION vs FREQUENCY
FIGURE 15. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 16. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 17. OUTPUT IMPEDANCE (DISABLED)
FIGURE 18. OUTPUT IMPEDANCE (ENABLED)
Typical Performance Curves (Continued)
-50
-90
-80
-70
-60
200
700
RLD (Ω)
100
600
900
400
1000
-100
300
500
800
HD2 (f = 20MHz)
HD3 (f = 20MHz)
-40
VS = ±5V, VODMP-P = 2V
HD3 (f = 5MHz)
HD2 (f = 5MHz)
-45
-50
-60
-70
-80
-85
-75
-65
-55
FREQUENCY (Hz)
-90
HD3
-40
5M
25M
0M
35M
15M
40M
10M
20M
30M
VS = ±5V, RLD = 200Ω, VODMP-P = 2V
HD2
20ns/DIV
100mV/DIV
20ns/DIV
0.5V/DIV
EMPTY
BOARD
DISABLED
OUT1B
OUT1
EL5173, EL5373


Similar Part No. - EL5373IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5373IU-T13 INTERSIL-EL5373IU-T13 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5373IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173 Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com