Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5375IUZ-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5375IUZ-T13
Description  550MHz Differential Line Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5375IUZ-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5375IUZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN7306.6
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG. DWG. #
EL5175IS
5175IS
-
8 Ld SOIC (150 mil)
MDP0027
EL5175IS-T7
5175IS
7”
8 Ld SOIC (150 mil)
MDP0027
EL5175IS-T13
5175IS
13”
8 Ld SOIC (150 mil)
MDP0027
EL5175ISZ (Note)
5175ISZ
-
8 Ld SOIC (Pb-free) (150 mil)
MDP0027
EL5175ISZ-T7 (Note)
5175ISZ
7”
8 Ld SOIC (Pb-free) (150 mil)
MDP0027
EL5175ISZ-T13 (Note)
5175ISZ
13”
8 Ld SOIC (Pb-free) (150 mil)
MDP0027
EL5175IY
5
-
8 Ld MSOP (3.0mm)
MDP0043
EL5175IY-T7
5
7”
8 Ld MSOP (3.0mm)
MDP0043
EL5175IY-T13
5
13”
8 Ld MSOP (3.0mm)
MDP0043
EL5175IYZ (Note)
BAAAB
-
8 Ld MSOP (Pb-free) (3.0mm)
MDP0043
EL5175IYZ-T7 (Note)
BAAAB
7”
8 Ld MSOP (Pb-free) (3.0mm)
MDP0043
EL5175IYZ-T13 (Note)
BAAAB
13”
8 Ld MSOP (Pb-free) (3.0mm)
MDP0043
EL5375IU
EL5375IU
-
24 Ld QSOP (150 mil)
MDP0040
EL5375IU-T7
EL5375IU
7”
24 Ld QSOP (150 mil)
MDP0040
EL5375IU-T13
EL5375IU
13”
24 Ld QSOP (150 mil)
MDP0040
EL5375IUZ (Note)
EL5375IUZ
-
24 Ld QSOP (Pb-free) (150 mil)
MDP0040
EL5375IUZ-T7 (Note)
EL5375IUZ
7”
24 Ld QSOP (Pb-free) (150 mil)
MDP0040
EL5375IUZ-T13 (Note)
EL5375IUZ
13”
24 Ld QSOP (Pb-free) (150 mil)
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL5175, EL5375


Similar Part No. - EL5375IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5375IUZ INTERSIL-EL5375IUZ Datasheet
441Kb / 15P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5375IUZ RENESAS-EL5375IUZ Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
More results

Similar Description - EL5375IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5175 INTERSIL-EL5175 Datasheet
441Kb / 15P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5175 RENESAS-EL5175 Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com