Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5421 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5421
Description  Quad 12MHz Rail-to-Rail Input-Output Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5421 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5421_07 Datasheet HTML 3Page - Intersil Corporation EL5421_07 Datasheet HTML 4Page - Intersil Corporation EL5421_07 Datasheet HTML 5Page - Intersil Corporation EL5421_07 Datasheet HTML 6Page - Intersil Corporation EL5421_07 Datasheet HTML 7Page - Intersil Corporation EL5421_07 Datasheet HTML 8Page - Intersil Corporation EL5421_07 Datasheet HTML 9Page - Intersil Corporation EL5421_07 Datasheet HTML 10Page - Intersil Corporation EL5421_07 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN7198.2
August 2, 2007
FIGURE 13. OUT PUT IMPEDANCE vs FREQUENCY
FIGURE 14. MAXIMUM OUTPUT SWING vs FREQUENCY
FIGURE 15. PSRR vs FREQUENCY
FIGURE 16. INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
FREQUENCY
FIGURE 17. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
FIGURE 18. CHANNEL SEPARATION vs FREQUENCY
RESPONSE
Typical Performance Curves
0
40
80
120
200
160
TA=25°C
VS=±5V
100K
10M
FREQUENCY (Hz)
1M
10K
0
2
4
12
6
8
10
100K
10M
FREQUENCY (Hz)
1M
10K
VS=±5V
TA=25°C
RL=10kΩ
CL=12pF
DISTORTION <1%
0
80
60
40
20
PSRR+
PSRR-
TA=25°C
VS=±5V
1K
10M
FREQUENCY (Hz)
100K
100
10K
1M
10
100
1
600
1K
100M
FREQUENCY (Hz)
100K
100
10K
1M
10M
0.005
0.008
0.010
0.001
0.003
VS=±5V
RL=10kΩ
VIN=1VRMS
0.006
0.009
0.007
0.004
0.002
100K
FREQUENCY (Hz)
10K
1K
-60
-140
-120
-100
-80
DUAL MEASURED CH A TO B
QUAD MEASURED CH A TO D OR B TO C
OTHER COMBINATIONS YIELD IMPROVED
REJECTION
VS=±5V
RL=10kΩ
VIN=220mVRMS
10K
6M
FREQUENCY (Hz)
1K
100K
1M
EL5421


Similar Part No. - EL5421_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
EL5421CY ELANTEC-EL5421CY Datasheet
255Kb / 13P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421CY INTERSIL-EL5421CY Datasheet
228Kb / 11P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5421CY RENESAS-EL5421CY Datasheet
569Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421CY-T13 INTERSIL-EL5421CY-T13 Datasheet
228Kb / 11P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
More results

Similar Description - EL5421_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5421 INTERSIL-EL5421 Datasheet
228Kb / 11P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5221 INTERSIL-EL5221 Datasheet
166Kb / 11P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com