Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7515IYZ-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7515IYZ-T13
Description  High Frequency PWM Step-Up Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7515IYZ-T13 Datasheet(HTML) 6 Page - Intersil Corporation

  EL7515IYZ-T13 Datasheet HTML 1Page - Intersil Corporation EL7515IYZ-T13 Datasheet HTML 2Page - Intersil Corporation EL7515IYZ-T13 Datasheet HTML 3Page - Intersil Corporation EL7515IYZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7515IYZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7515IYZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7515IYZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7515IYZ-T13 Datasheet HTML 8Page - Intersil Corporation EL7515IYZ-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN7120.2
August 10, 2007
Applications Information
The EL7515 is a step-up regulator, operated at fixed
frequency pulse-width-modulation (PWM) control. The input
voltage is 1.8V to 13.2V and output voltage is 4.5V to 17V.
The switching frequency (up to 1.2MHz) is decided by the
resistor connected to RT pin.
Start-Up
After VDD reaches a threshold of about 1.7V, the start-up
oscillator generates fixed duty-ratio of 0.5 to 0.7 at a
frequency of several hundred kilohertz. This will boost the
output voltage.
When VDD reaches about 3.7V, the PWM comparator takes
over the control. The duty ratio will be decided by the
multiple-input direct summing comparator, Max_Duty signal
(about 90% duty-ratio), and the Current Limit Comparator,
whichever is the smallest.
The soft-start is provided by the current limit comparator. As
the internal 12µA current source charges the external CSS,
the peak MOSFET current is limited by the voltage on the
capacitor. This in turn controls the rising rate of the output
voltage.
The regulator goes through the start-up sequence as well
after the EN signal is pulled to HI.
Steady-State Operation
When the output reaches the preset voltage, the regulator
operates at steady state. Depending on the input/output
conditions and component values, the inductor operates at
either continuous-conduction mode or
discontinuous-conduction mode.
In the continuous-conduction mode, the inductor current is a
triangular waveform and LX voltage a pulse waveform. In the
discontinuous-conduction mode, the inductor current is
completely dried out before the MOSFET is turned on again.
The input voltage source, the inductor, and the MOSFET and
output diode parasitic capacitors form a resonant circuit.
Oscillation will occur in this period. This oscillation is normal
and will not affect the regulation.
FIGURE 7. STEADY STATE OPERATION (INDUCTOR
DISCONTINUOUS CONDUCTION)
FIGURE 8. STEADY STATE OPERATION (INDUCTOR
CONTINUOUS CONDUCTION)
FIGURE 9. POWER-UP
FIGURE 10. LOAD TRANSIENT RESPONSE
Typical Performance Curves (Continued)
VIN = 5V, VO = 12V, IO = 30mA
ΔV
IN
VLX
ΔV
O
IL
50mV/DIV
10V/DIV
20mV/DIV
0.5A/DIV
0.5µs/DIV
VIN = 5V, VO = 12V, IO = 300mA
ΔVIN
VLX
ΔVO
IL
50mV/DIV
10V/DIV
20mV/DIV
0.5A/DIV
0.5µs/DIV
VIN = 5V, VO = 12V, IO = 300mA
ΔVIN
VO
IL
2V/DIV
5V/DIV
0.5A/DIV
0.5ms/DIV
VIN = 5V, VO = 12V, IO = 50mA TO 300mA
IO
ΔVO
100mA/DIV
0.5V/DIV
0.2ms/DIV
EL7515


Similar Part No. - EL7515IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7515IYZ-T13 RENESAS-EL7515IYZ-T13 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
More results

Similar Description - EL7515IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
ON Semiconductor
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com