Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84684IRZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL84684IRZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84684IRZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL84684IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL84684IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL84684IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL84684IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL84684IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL84684IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL84684IRZ-T Datasheet HTML 11Page - Intersil Corporation ISL84684IRZ-T Datasheet HTML 12Page - Intersil Corporation ISL84684IRZ-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN6088.5
July 31, 2007
trytyrtyryryeeyrteff
Typical Performance Curves TA = +25°C, Unless Otherwise Specified
FIGURE 10. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 11. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 13. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 14. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 15. CHARGE INJECTION vs SWITCH VOLTAGE
VCOM (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ICOM = 100mA
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
V+ = 3.3V
V+ = 3V
V+ = 2.7V
00.5
1.0
1.5
2.0
VCOM (V)
ICOM = 100mA
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
V+ = 2V
V+ = 1.65V
V+ = 1.8V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCOM (V)
+85°C
-40°C
V+ = 3.3V
ICOM = 100mA
+25°C
0.20
0.25
0.30
0.35
0.40
0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM (V)
+85°C
-40°C
V+ = 2.7V
+25°C
ICOM = 100mA
0.25
0.30
0.35
0.40
00.5
1.0
1.5
2.0
VCOM (V)
+85°C
-40°C
V+ = 1.8V
ICOM = 100mA
+25°C
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
VCOM (V)
01
23
45
-100
-50
0
50
100
150
200
V+ = 3V
V+ = 1.8V
V+ = 4.3V
ISL84684


Similar Part No. - ISL84684IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84684IRZ-T INTERSIL-ISL84684IRZ-T Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684IRZ-T INTERSIL-ISL84684IRZ-T Datasheet
385Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
July 31, 2007
logo
Renesas Technology Corp
ISL84684IRZ-T RENESAS-ISL84684IRZ-T Datasheet
663Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
More results

Similar Description - ISL84684IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L220 RENESAS-ISL43L220 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684 RENESAS-ISL84684 Datasheet
663Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL84762 INTERSIL-ISL84762 Datasheet
276Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684 Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684IIZ-T INTERSIL-ISL84684IIZ-T Datasheet
385Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
July 31, 2007
logo
Renesas Technology Corp
ISL84762 RENESAS-ISL84762 Datasheet
611Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com