Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84052IBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL84052IBZ
Description  Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84052IBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL84052IBZ Datasheet HTML 4Page - Intersil Corporation ISL84052IBZ Datasheet HTML 5Page - Intersil Corporation ISL84052IBZ Datasheet HTML 6Page - Intersil Corporation ISL84052IBZ Datasheet HTML 7Page - Intersil Corporation ISL84052IBZ Datasheet HTML 8Page - Intersil Corporation ISL84052IBZ Datasheet HTML 9Page - Intersil Corporation ISL84052IBZ Datasheet HTML 10Page - Intersil Corporation ISL84052IBZ Datasheet HTML 11Page - Intersil Corporation ISL84052IBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN6047.8
October 2, 2007
Test Circuits and Waveforms
FIGURE 1A. INHIBIT tON/tOFF MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 1B. INHIBIT tON/tOFF TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
50%
tr < 20ns
tf < 20ns
tON
3V
0V
tOFF
LOGIC
INPUT
SWITCH
OUTPUT
90%
0V
90%
VOUT
Logic input waveform is inverted for switches that have the opposite
logic sense.
V
OUT
V
(NO or NC)
R
L
R
L
r
ON
+
------------------------
=
LOGIC
INPUT
VOUT
RL
COM
NO0
INH
300
Ω
35pF
GND
V-
C
NO1-NO7
CL
V+
ADDA-C
C
LOGIC
INPUT
VOUT
RL
COMX
NCX
INH
300
Ω
35pF
GND
NOX
CL
V+
ADDX
C
ISL84051
ISL84053
V+
C
V-
C
V+
C
LOGIC
INPUT
VOUT
RL
COM
NO0
INH
300
Ω
35pF
GND
V-
C
NO1-NO3
CL
V+
ADDA-B
C
ISL84052
V+
C
ISL84051, ISL84052, ISL84053


Similar Part No. - ISL84052IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84052IBZ INTERSIL-ISL84052IBZ Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84052IBZ INTERSIL-ISL84052IBZ Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84052IBZ RENESAS-ISL84052IBZ Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results

Similar Description - ISL84052IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com