Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL41334IRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL41334IRZ
Description  짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334IRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL41334IRZ Datasheet HTML 5Page - Intersil Corporation ISL41334IRZ Datasheet HTML 6Page - Intersil Corporation ISL41334IRZ Datasheet HTML 7Page - Intersil Corporation ISL41334IRZ Datasheet HTML 8Page - Intersil Corporation ISL41334IRZ Datasheet HTML 9Page - Intersil Corporation ISL41334IRZ Datasheet HTML 10Page - Intersil Corporation ISL41334IRZ Datasheet HTML 11Page - Intersil Corporation ISL41334IRZ Datasheet HTML 12Page - Intersil Corporation ISL41334IRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
FN6202.3
November 21, 2007
RS-232 DRIVER AND RECEIVER SWITCHING CHARACTERISTICS (SEL = GND, ALL VERSIONS AND SPEEDS)
Driver Output Transition Region
Slew Rate
SR
RL =3kΩ, Measured From
3V to -3V or -3V to 3V
CL ≥ 15pF
Full
-
18
30
V/µs
CL ≤ 2500pF
Full
4
12
-
V/µs
Driver Output Transition Time
tr, tf
RL =3kΩ, CL = 2500pF, 10% to 90%
Full
0.22
1.2
3.1
µs
Driver Propagation Delay
tDPHL
RL =3kΩ, CL = 1000pF (Figure 6)
Full
-
1
2
µs
tDPLH
Full
-
1.2
2
µs
Driver Propagation Delay Skew
tDSKEW
tDPHL - tDPLH (Figure 6)
Full
-
240
400
ns
Driver Enable Time from Shutdown
tDENSD
VOUT = ±3.0V
25
-
20
-
µs
Driver Maximum Data Rate
DRD
RL =3kΩ, CL = 1000pF, One Transmitter
Switching per port
Full
460
650
-
kbps
Receiver Propagation Delay
tRPHL
CL = 15pF (Figure 7)
Full
-
50
120
ns
tRPLH
Full
-
40
120
ns
Receiver Propagation Delay Skew
tRSKEW
tRPHL - tRPLH (Figure 7)
Full
-
10
40
ns
Receiver Maximum Data Rate
DRR
CL = 15pF
Full
0.46
2
-
Mbps
RS-485 DRIVER SWITCHING CHARACTERISTICS (FAST DATA RATE (20Mbps), SEL = VCC, ALL VERSIONS (SPA = VCC if QFN))
Driver Differential Input to Output
Delay
tDLH,
tDHL
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
15
30
50
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
3
10
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
3
11
20
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC (Figure 3)
Full
-
27
60
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND (Figure 3)
Full
-
24
60
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 3)
Full
-
31
60
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 3)
Full
-
24
60
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC (Figure 3)
Full
-
65
250
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND (Figure 3)
Full
-
152
250
ns
Driver Maximum Data Rate
fMAX
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
30
-
Mbps
RS-485 DRIVER SWITCHING CHARACTERISTICS (MEDIUM DATA RATE (460kbps, QFN ONLY), SEL = VCC, SPA = SPB = GND)
Driver Differential Input to Output
Delay
tDLH,
tDHL
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
200
490
1000
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
110
400
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
300
600
1100
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC (Figure 3)
Full
-
30
300
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND (Figure 3)
Full
-
128
300
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 3)
Full
-
31
60
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 3)
Full
-
24
60
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC (Figure 3)
Full
-
65
500
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND (Figure 3)
Full
-
255
500
ns
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V, C1 - C4 = 0.1µF, VL = VCC (for QFN only); Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = +25°C (Note 6). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 11)
TYP
MAX
(Note 11) UNITS
ISL81334, ISL41334


Similar Part No. - ISL41334IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL41334IRZ INTERSIL-ISL41334IRZ Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL41334IRZ INTERSIL-ISL41334IRZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Renesas Technology Corp
ISL41334IRZ RENESAS-ISL41334IRZ Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
logo
Intersil Corporation
ISL41334IRZ-T INTERSIL-ISL41334IRZ-T Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL41334IRZ-T INTERSIL-ISL41334IRZ-T Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
More results

Similar Description - ISL41334IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com