Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50415VIZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # HSP50415VIZ
Description  Wideband Programmable Modulator (WPM)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50415VIZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HSP50415VIZ Datasheet HTML 4Page - Intersil Corporation HSP50415VIZ Datasheet HTML 5Page - Intersil Corporation HSP50415VIZ Datasheet HTML 6Page - Intersil Corporation HSP50415VIZ Datasheet HTML 7Page - Intersil Corporation HSP50415VIZ Datasheet HTML 8Page - Intersil Corporation HSP50415VIZ Datasheet HTML 9Page - Intersil Corporation HSP50415VIZ Datasheet HTML 10Page - Intersil Corporation HSP50415VIZ Datasheet HTML 11Page - Intersil Corporation HSP50415VIZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
FIGURE 2.
REFCLK divider<7:0>
NCO divider<13:0>
carryOut
8 upper bits of phaseAccum
14-bit countValue
enable
freqError<15:0>
phaseError<21:0>
FIFOFreqError<8*7,7:0>
8-BIT
SYNC
R
R
SYMBOL NCO
REFCLK
CLK
TC
_
COUNTER
14-BIT
COUNTER
PHASE/FREQUENCY ERROR DETECTOR
FIGURE 3.
UL<31:0>
LL<13:0>
phaseError<21:0>
freqError<15:0>
frequencyGain
lagGain
leadGain
LIMITER
R
R
41
/
DPLL
PhincError<31:0>
DPLL LOOP FILTER
FIGURE 4.
phaseErrorMag<20:0>
threshold<20:0>
useAPLLlockStatus
analogPLLlockStatus
carryOut
lockIntegrator<8:0>
negative notLockedValue
positive lockedValue
bit=1 indicates phaseErr > thld so NOT
locked
lockIntegrator<8>
LOCKDET
A1
S
AO
Z
R
A1
S
AO
Z
_
LOCK DETECTION BLOCK DIAGRAM
8
FN4559.6
April 23, 2007
The Lock Detector compares the magnitude of the
phaseError to a programmable 21-bit threshold value. If the
carry out from this comparison is “1” then the phaseError is
greater than or equal to the threshold value and a negative
value is added to the lock integrator. If the carry out is “0”
then the phaseError is less than the threshold and a positive
value is added. As the phaseError magnitude stays below
the threshold level the lock integrator will grow from a
negative number to a positive one thus indicating a locked
condition. The lock integrator resets to a full-scale negative
value. The sign bit of the lock integrator is output as the
LOCKDET status flag. The values added or subtracted to the
lock integrator are user selectable as follows in Table 2.
TABLE 2. LOCK INTEGRATOR ADDENDS
LOCK FACTOR
CARRY OUT
ADDEND
BINARY VALUE
0xx
1
-0.5
111111000
1xx
1
-0.25
111111100
x00
0
+0.0625
000000001
x01
0
+0.1250
000000010
x10
0
+0.2500
000000100
x11
0
+0.5000
000001000
HSP50415


Similar Part No. - HSP50415VIZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP50415VIZ RENESAS-HSP50415VIZ Datasheet
1Mb / 29P
   Wideband Programmable Modulator (WPM)
More results

Similar Description - HSP50415VIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50415 INTERSIL-HSP50415 Datasheet
229Kb / 29P
   Wideband Programmable Modulator (WPM)
logo
Renesas Technology Corp
HSP50415 RENESAS-HSP50415 Datasheet
1Mb / 29P
   Wideband Programmable Modulator (WPM)
logo
Intersil Corporation
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
logo
Analog Devices
HMC1097LP4E AD-HMC1097LP4E Datasheet
1Mb / 15P
   WIDEBAND DIRECT QUADRATURE MODULATOR, 100 - 6000 MHz
AD9853 AD-AD9853 Datasheet
335Kb / 31P
   Programmable Digital OPSK/16-QAM Modulator
REV. C
AD9853 AD-AD9853_15 Datasheet
334Kb / 31P
   Programmable Digital QPSK/16-QAM Modulator
REV. C
logo
NXP Semiconductors
TDA8822 PHILIPS-TDA8822 Datasheet
187Kb / 28P
   Universal I2C-bus programmable RF modulator
1997 Jan 08
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Hittite Microwave Corpo...
HMC496LP3 HITTITE-HMC496LP3 Datasheet
479Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
HMC495LP3 HITTITE-HMC495LP3_08 Datasheet
428Kb / 12P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com