Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84053IA Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL84053IA
Description  Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84053IA Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL84053IA Datasheet HTML 3Page - Intersil Corporation ISL84053IA Datasheet HTML 4Page - Intersil Corporation ISL84053IA Datasheet HTML 5Page - Intersil Corporation ISL84053IA Datasheet HTML 6Page - Intersil Corporation ISL84053IA Datasheet HTML 7Page - Intersil Corporation ISL84053IA Datasheet HTML 8Page - Intersil Corporation ISL84053IA Datasheet HTML 9Page - Intersil Corporation ISL84053IA Datasheet HTML 10Page - Intersil Corporation ISL84053IA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN6047.8
October 2, 2007
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
2.4
-
-
V
Input Voltage Low, VINL, VADDL
Full
-
-
0.8
V
Input Current, IINH, IINL, IADDH,
IADDL
V+ = 3.6V, VINH, VADD = 0V or V+
Full
-1
0.03
1
µA
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
V+ = 3V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0V to 3V (see Figure 1)
+25
-
180
600
ns
Full
-
-
700
ns
Inhibit Turn-OFF Time, tOFF
V+ = 3V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0V to 3V (see Figure 1)
+25
-
100
300
ns
Full
-
-
400
ns
Break-Before-Make Time, tBBM
V+ = 3.6V, VNO or VNC = 1.5V, RL = 300Ω,
CL =35pF, VIN = 0V to 3V (see Figure 3)
+25
-
90
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (see Figure 2)
+25
-
1
10
pC
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz
VNO or VNC = 1VRMS, (see Figures 4 and 6)
+25
-
<90
-
dB
Crosstalk, (Note 10) (ISL84052,
ISL84053 Only)
+25
-
<-90
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2
-
12
V
Positive Supply Current, I+
V+ = 3.6V, V- = 0V, VINH, VADD = 0V or V+
Switch On or Off
+25
-1
-
1
µA
Full
-10
-
10
µA
NOTES:
4. VIN = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
7.
ΔrON = rON (MAX) - rON (MIN).
8. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
9. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at +25°C.
10. Between any two switches.
Electrical Specifications: 3.3V Supply
Test Conditions: V+ = +3.0V to +3.6V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 6)
TYP
MAX
(Notes 5, 6) UNITS
ISL84051, ISL84052, ISL84053


Similar Part No. - ISL84053IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84053IA INTERSIL-ISL84053IA Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL84053IA INTERSIL-ISL84053IA Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ INTERSIL-ISL84053IAZ Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ INTERSIL-ISL84053IAZ Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84053IAZ RENESAS-ISL84053IAZ Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results

Similar Description - ISL84053IA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com