Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28258FUZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28258FUZ
Description  34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28258FUZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28258FUZ Datasheet HTML 1Page - Intersil Corporation ISL28258FUZ Datasheet HTML 2Page - Intersil Corporation ISL28258FUZ Datasheet HTML 3Page - Intersil Corporation ISL28258FUZ Datasheet HTML 4Page - Intersil Corporation ISL28258FUZ Datasheet HTML 5Page - Intersil Corporation ISL28258FUZ Datasheet HTML 6Page - Intersil Corporation ISL28258FUZ Datasheet HTML 7Page - Intersil Corporation ISL28258FUZ Datasheet HTML 8Page - Intersil Corporation ISL28258FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6377.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007, 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28158, ISL28258
34µA Micro-power Single and Dual
Precision Rail-to-Rail Input-Output (RRIO)
Low Input Bias Current Op Amps
The ISL28158 and ISL28258 are micro-power precision
operational amplifiers optimized for single supply operation
at 5.5V and can operate down to 2.4V.
These devices feature an Input Range Enhancement Circuit
(IREC), which enables them to maintain CMRR performance
for input voltages greater than the positive supply. The input
signal is capable of swinging 0.25V above the positive
supply and to 100mV below the negative supply with only a
slight degradation of the CMRR performance. The output
operation is rail-to-rail.
The ISL28158 and ISL28258 draw minimal supply current
while meeting excellent DC-accuracy noise and output drive
specifications. Competing devices seriously degrade these
parameters to achieve micro-power supply current. Offset
current, voltage and current noise, slew rate, and gain
bandwidth product are all two to ten times better than on
previous micro-power op amps.
The 1/f corner of the voltage noise spectrum is at 100Hz.
This results in low frequency noise performance, which can
only be found on devices with an order of magnitude higher
supply current.
ISL28158 and ISL28258 can be operated from one lithium
cell or two Ni-Cd batteries. The input range includes both
positive and negative rail. The output swings to both rails.
Pinouts
Features
• 34µA typical supply current
• 300µV maximum offset voltage (8 Ld SOIC)
• 1pA typical input bias current
• 200kHz gain bandwidth product
• 2.4V to 5.5V single supply voltage range
• Rail-to-rail input and output
• Enable pin (ISL28158 only)
• Pb-free (RoHS compliant)
Applications
• Battery- or solar-powered systems
• 4mA to 20mA current loops
• Handheld consumer products
• Medical devices
• Sensor amplifiers
• ADC buffers
• DAC output amplifiers
ISL28158
(6 LD SOT-23)
TOP VIEW
ISL28158
(8 LD SOIC)
TOP VIEW
ISL28258
(8 LD SOIC)
TOP VIEW
ISL28258
(8 LD MSOP)
TOP VIEW
1
2
3
6
4
5
+-
OUT
V-
IN+
V+
EN
IN-
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
EN
V+
OUT
V-
NC
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL28158FHZ-T7*
GABW
6 Ld SOT-23
MDP0038
ISL28158FHZ-T7A*
GABW
6 Ld SOT-23
MDP0038
ISL28158FBZ
28158 FBZ
8 Ld SOIC
MDP0027
ISL28158FBZ-T7*
28158 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28258FBZ
28258 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28258FBZ-T7*
28258 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28258FUZ
8258Z
8 Ld MSOP
MDP0043
Coming Soon
ISL28258FUZ-T7*
8258Z
8 Ld MSOP
MDP0043
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
February 11, 2008


Similar Part No. - ISL28258FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28258FUZ INTERSIL-ISL28258FUZ Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28258FUZ RENESAS-ISL28258FUZ Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28258FUZ-T7 INTERSIL-ISL28258FUZ-T7 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28258FUZ-T7 RENESAS-ISL28258FUZ-T7 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results

Similar Description - ISL28258FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com