Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3294EFHZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL3294EFHZ-T
Description  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3294EFHZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL3294EFHZ-T Datasheet HTML 2Page - Intersil Corporation ISL3294EFHZ-T Datasheet HTML 3Page - Intersil Corporation ISL3294EFHZ-T Datasheet HTML 4Page - Intersil Corporation ISL3294EFHZ-T Datasheet HTML 5Page - Intersil Corporation ISL3294EFHZ-T Datasheet HTML 6Page - Intersil Corporation ISL3294EFHZ-T Datasheet HTML 7Page - Intersil Corporation ISL3294EFHZ-T Datasheet HTML 8Page - Intersil Corporation ISL3294EFHZ-T Datasheet HTML 9Page - Intersil Corporation ISL3294EFHZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN6544.0
September 19, 2007
Input Low Voltage (DI, DE)
VIL1
VL = VCC if ISL3296E, ISL3297E, ISL3298E
Full
-
-
0.8
V
VIL2
VL ≥ 2.7V (ISL3296E, ISL3297E, ISL3298E
only)
Full
-
-
0.8
V
VIL3
2.3V
≤ V
L < 2.7V (ISL3296E, ISL3297E,
ISL3298E only)
Full
-
-
0.65
V
VIL4
1.6V
≤ V
L < 2.3V (ISL3296E, ISL3297E,
ISL3298E only)
Full
-
-
0.22*VL
V
VIL5
1.35V
≤ V
L < 1.6V (ISL3296E, ISL3297E,
ISL3298E only)
25
-
0.3*VL
-V
Logic Input Current
IIN
DI = DE = 0V or VCC (Note 10)
Full
-2
-
2
µA
Output Leakage Current (Y, Z,
Note 10)
IOZ
DE = 0V,
VCC = 0V, 3.6V, or
5.5V
VIN = 12V
Full
-
0.1
40
µA
VIN = -7V
Full
-40
-10
-
µA
Driver Short-Circuit Current,
VO = High or Low (Note 8)
IOSD1
DE = VCC, -7V ≤ VO ≤ 12V, VCC ≤ 3.6V
Full
-
-
±250
mA
DE = VCC, 0V ≤ VO ≤ VCC, VCC > 3.6V
(Note 12)
Full
-
-
±450
mA
Thermal Shutdown Threshold
TSD
Full
-
160
-
°C
SUPPLY CURRENT
No-Load Supply Current
ICC
DI = 0V or VCC
DE = VCC
Full
-
120
150
µA
Shutdown Supply Current
ISHDN
DE = 0V, DI = 0V or VCC
Full
-
0.01
1
µA
ESD PERFORMANCE
RS-485 Pins (Y, Z)
Human Body Model, From Bus Pins to GND
25
-
±16.5
-
kV
IEC61000 Contact, From Bus Pins to GND
25
-
±7
-
kV
All Pins
HBM, per MIL-STD-883 Method 3015
25
-
±8
-
kV
Machine Model
25
-
±400
-
V
DRIVER SWITCHING CHARACTERISTICS (ISL3293E, ISL3296E, 250kbps)
Maximum Data Rate
fMAX
VOD = ±1.5V, CD = 820pF (Figure 4)
Full
250
-
-
kbps
Driver Single Ended Output
Delay
tSD
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
400
1350
1700
ns
Part-to-Part Output Delay Skew
tSKPP
RDIFF = 54Ω, CD = 50pF (Figure 2, Note 9)
Full
-
-
900
ns
Driver Single Ended Output
Skew
tSSK
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
-
600
750
ns
Driver Differential Output Delay
tDD
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
400
1100
1500
ns
Driver Differential Output Skew
tDSK
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
-
4, 1
30
ns
Driver Differential Rise or Fall
Time
tR, tF
RDIFF = 54Ω,
CD = 50pF (Figure 2)
VCC ≤ 3.6V
Full
400
960
1500
ns
VCC = 5V
25
-
1300
-
ns
Driver Enable to Output High
tZH
RL = 500Ω, CL = 50pF, SW = GND (Figure 3)
Full
-
100, 60
250
ns
Driver Enable to Output Low
tZL
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3)
Full
-
60, 35
250
ns
Driver Disable from Output
High
tHZ
RL = 500Ω, CL = 50pF, SW = GND (Figure 3)
Full
-
30, 22
60
ns
Driver Disable from Output Low
tLZ
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3)
Full
-
25, 20
60
ns
Electrical Specifications
Test Conditions: VCC = 3.0V to 5.5V; VL = VCC (ISL3296E, ISL3297E, ISL3298E only); Typicals are at
TA =+25°C; Unless Otherwise Specified. (Note 7) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 11)
TYP
(Note 13)
MAX
(Note 11)
UNITS
ISL3293E, ISL3294E, ISL3295E, ISL3296E, ISL3297E, ISL3298E


Similar Part No. - ISL3294EFHZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3294EFHZ-T RENESAS-ISL3294EFHZ-T Datasheet
986Kb / 17P
   High node count systems
More results

Similar Description - ISL3294EFHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com