Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7135 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7135
Description  4쩍 Digit, BCD Output, A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7135 Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7135_07 Datasheet HTML 1Page - Intersil Corporation ICL7135_07 Datasheet HTML 2Page - Intersil Corporation ICL7135_07 Datasheet HTML 3Page - Intersil Corporation ICL7135_07 Datasheet HTML 4Page - Intersil Corporation ICL7135_07 Datasheet HTML 5Page - Intersil Corporation ICL7135_07 Datasheet HTML 6Page - Intersil Corporation ICL7135_07 Datasheet HTML 7Page - Intersil Corporation ICL7135_07 Datasheet HTML 8Page - Intersil Corporation ICL7135_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN3093.4
Detailed Description
Analog Section
Figure 3 shows the Block Diagram of the Analog Section for
the ICL7135. Each measurement cycle is divided into four
phases. They are (1) auto-zero (AZ), (2) signal-integrate
(INT), (3) de-integrate (DE) and (4) zero-integrator (Zl).
Auto-Zero Phase
During auto-zero, three things happen. First, input high and low
are disconnected from the pins and internally shorted to analog
COMMON. Second, the reference capacitor is charged to the
reference voltage. Third, a feedback loop is closed around the
system to charge the auto-zero capacitor CAZ to compensate
for offset voltages in the buffer amplifier, integrator, and
comparator. Since the comparator is included in the loop, the
AZ accuracy is limited only by the noise of the system. In any
case, the offset referred to the input is less than 10
μV.
Signal Integrate Phase
During signal integrate, the auto-zero loop is opened, the
internal short is removed, and the internal input high and low
are connected to the external pins. The converter then
integrates the differential voltage between IN HI and IN LO for a
fixed time. This differential voltage can be within a wide
common mode range; within one volt of either supply. If, on the
other hand, the input signal has no return with respect to the
converter power supply, IN LO can be tied to analog COMMON
to establish the correct common-mode voltage. At the end of
this phase, the polarity of the integrated signal is latched into
the polarity F/F.
De-Integrate Phase
The third phase is de-integrate or reference integrate. Input
low is internally connected to analog COMMON and input
high is connected across the previously charged reference
capacitor. Circuitry within the chip ensures that the capacitor
will be connected with the correct polarity to cause the inte-
grator output to return to zero. The time required for the out-
put to return to zero is proportional to the input signal.
Specifically the digital reading displayed is:
.
Zero Integrator Phase
The final phase is zero integrator. First, input low is shorted
to analog COMMON. Second, a feedback loop is closed
around the system to input high to cause the integrator
output to return to zero. Under normal condition, this phase
lasts from 100 to 200 clock pulses, but after an overrange
conversion, it is extended to 6200 clock pulses.
Differential Input
The input can accept differential voltages anywhere within the
common mode range of the input amplifier; or specifically from
0.5V below the positive supply to 1V above the negative
supply. In this range the system has a CMRR of 86dB typical.
However, since the integrator also swings with the common
mode voltage, care must be exercised to assure the integrator
output does not saturate. A worst case condition would be a
large positive common-mode voltage with a near full scale
negative differential input voltage. The negative input signal
drives the integrator positive when most of its swing has been
used up by the positive common mode voltage. For these
critical applications the integrator swing can be reduced to
less than the recommended 4V full scale swing with some
loss of accuracy. The integrator output can swing within 0.3V
of either supply without loss of linearity.
Analog COMMON
Analog COMMON is used as the input low return during auto-
zero and de-integrate. If IN LO is different from analog
COMMON, a common mode voltage exists in the system and
is taken care of by the excellent CMRR of the converter.
However, in most applications IN LO will be set at a fixed
known voltage (power supply common for instance). In this
application, analog COMMON should be tied to the same
point, thus removing the common mode voltage from the
converter. The reference voltage is referenced to analog
COMMON.
Reference
The reference input must be generated as a positive voltage
with respect to COMMON, as shown in Figure 4.
OUTPUT COUNT
10,000
VIN
VREF
---------------
⎝⎠
⎜⎟
⎛⎞
=
FIGURE 4A.
FIGURE 4B.
FIGURE 4. USING AN EXTERNAL REFERENCE
IZ
6.8V
V-
ZENER
REF HI
ICL7135
COMMON
V+
6.8k
Ω
ICL8069
REF HI
ICL7135
COMMON
V+
V+
20k
Ω
1.2V
REFERENCE
ICL7135


Similar Part No. - ICL7135_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ICL7135C TI-ICL7135C Datasheet
448Kb / 16P
[Old version datasheet]   4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
ICL7135C TI1-ICL7135C Datasheet
623Kb / 18P
[Old version datasheet]   4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
DECEMBER 1986 - REVISED SEPTEMBER 2003
ICL7135C TI1-ICL7135C Datasheet
677Kb / 18P
[Old version datasheet]   1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Maxim Integrated Produc...
ICL7135C/D MAXIM-ICL7135C/D Datasheet
624Kb / 12P
   4쩍 Digit A/D Converter with Multiplexed BCD Outputs
19-5041; Rev 0; 1987
ICL7135C/D MAXIM-ICL7135C/D Datasheet
734Kb / 13P
   41/2 Digit A/D Converter with Multiplexed BCD Outputs
2016
More results

Similar Description - ICL7135_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135 Datasheet
624Kb / 12P
   4쩍 Digit A/D Converter with Multiplexed BCD Outputs
19-5041; Rev 0; 1987
logo
Intersil Corporation
ICL7135CPI INTERSIL-ICL7135CPI Datasheet
516Kb / 15P
   41/2 Digit, BCD Output, A/D Converter
August 28, 2007
logo
Renesas Technology Corp
ICL7135 RENESAS-ICL7135 Datasheet
800Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
Intersil Corporation
ICL7129 INTERSIL-ICL7129_00 Datasheet
727Kb / 10P
   4쩍 Digit LCD, Single-Chip A/D Converter
ICL7135 INTERSIL-ICL7135 Datasheet
733Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
Murata Manufacturing Co...
DM4101L MURATA-DM4101L Datasheet
242Kb / 6P
   4쩍-Digit DPM with BCD Outputs
logo
Murata Power Solutions ...
DSD-40BCD MURATA-PS-DSD-40BCD Datasheet
192Kb / 5P
   Miniature 4쩍 Digit, BCD Input, Slave LED Display
logo
Murata Manufacturing Co...
DM4100D MURATA-DM4100D Datasheet
393Kb / 8P
   Micro-Bussable 4쩍-Digit DPM with 3-State BCD Outputs
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135_V01 Datasheet
734Kb / 13P
   41/2 Digit A/D Converter with Multiplexed BCD Outputs
2016
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com