Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI47N10L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPI47N10L
Description  SIPMOS짰 Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI47N10L Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPI47N10L_02 Datasheet HTML 1Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 2Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 3Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 4Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 5Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 6Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 7Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2002-01-09
Page 5
Preliminary data
SPI47N10L
SPP47N10L,SPB47N10L
5 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 80 µs
0
1
2
3
4
V
5.5
VDS
0
10
20
30
40
50
60
70
80
90
100
A
120
SPP47N10L
V
GS
[V]
a
a
2.5
b
b
3.0
c
c
3.5
d
d
4.0
e
e
4.5
f
f
5.0
g
g
5.5
h
h
6.0
i
i
6.5
j
j
7.0
k
k
8.0
l
Ptot = 175W
l
10.0
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: VGS
0
10
20
30
40
50
60
70
80
A
100
ID
0
10
20
30
40
50
60
70
80
90
100
110
m

130
SPP47N10L
VGS [V] =
b
b
3.0
c
c
3.5
d
d
4.0
e
e
4.5
f
f
5.0
g
g
5.5
h
h
6.0
i
i
6.5
j
j
7.0
k
k
8.0
l
l
10.0
7 Typ. transfer characteristics
ID= f ( VGS ); VDS 2 x ID x RDS(on)max
parameter: tp = 80 µs
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
VGS
0
5
10
15
20
25
30
35
40
45
50
A
60
8 Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter: gfs
0
10
20
30
40
A
55
ID
0
5
10
15
20
25
30
35
40
45
50
S
60


Similar Part No. - SPI47N10L_02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI47N10L INFINEON-SPI47N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
More results

Similar Description - SPI47N10L_02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD04P10PLG INFINEON-SPD04P10PLG Datasheet
463Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
BUZ110S INFINEON-BUZ110S Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
SPB08P06P INFINEON-SPB08P06P_12 Datasheet
273Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.7 2012-09-07
SPP80N06S-08 INFINEON-SPP80N06S-08 Datasheet
171Kb / 8P
   SIPMOS짰 Power-Transistor
Rev. 1.0 2004-11-30
SPD15P10PL INFINEON-SPD15P10PL Datasheet
763Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.5 2012-09-03
SPD08P06PG INFINEON-SPD08P06PG_12 Datasheet
605Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD04P10PG INFINEON-SPD04P10PG Datasheet
479Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB18P06PG INFINEON-SPB18P06PG_12 Datasheet
446Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-07
SPP15P10PLH INFINEON-SPP15P10PLH Datasheet
767Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.4 2011-09-01
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com