Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7611DCPA Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7611DCPA
Description  1.4MHz, Low Power CMOS Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7611DCPA Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7611DCPA Datasheet HTML 1Page - Intersil Corporation ICL7611DCPA Datasheet HTML 2Page - Intersil Corporation ICL7611DCPA Datasheet HTML 3Page - Intersil Corporation ICL7611DCPA Datasheet HTML 4Page - Intersil Corporation ICL7611DCPA Datasheet HTML 5Page - Intersil Corporation ICL7611DCPA Datasheet HTML 6Page - Intersil Corporation ICL7611DCPA Datasheet HTML 7Page - Intersil Corporation ICL7611DCPA Datasheet HTML 8Page - Intersil Corporation ICL7611DCPA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN2919.9
April 26, 2007
Schematic Diagram
Output Voltage Swing
VOUT
RL = 1MΩ
+25
±0.98
-
-
V
Full
±0.96
-
-
V
Large Signal Voltage Gain
AVOL
VO = ±0.1V, RL =1MΩ
+25
-
90
-
dB
Full
-
80
-
dB
Unity Gain Bandwidth
GBW
+25
-
0.044
-
MHz
Input Resistance
RIN
+25
-
1012
-
Ω
Common Mode Rejection Ratio
CMRR
RS ≤ 100kΩ
+25
-
80
-
dB
Power Supply Rejection Ratio
PSRR
RS ≤ 100kΩ
+25
-
80
-
dB
Input Referred Noise Voltage
eN
RS = 100Ω, f = 1kHz
+25
-
100
-
nV/
√Hz
Input Referred Noise Current
iN
RS = 100Ω, f = 1kHz
+25
-
0.01
-
pA/
√Hz
Supply Current
ISUPPLY No Signal, No Load
+25
-
6
15
μA
Slew Rate
SR
AV = 1, CL = 100pF,
VIN = 0.2VP-P, RL =1MΩ
+25
-
0.016
-
V/
μs
Rise Time
tr
VIN = 50mV, CL = 100pF RL = 1MΩ
+25
-
20
-
μs
Overshoot Factor
OS
VIN = 50mV, CL = 100pF, RL = 1MΩ
+25
-
5
-
%
Electrical Specifications
VSUPPLY = ±1V, IQ = 10μA, Unless Otherwise Specified. (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
TEMP (°C)
ICL7612B
UNITS
MIN
TYP
MAX
INPUT STAGE
SETTING STAGE
IQ
OUTPUT STAGE
V+
OUTPUT
V-
QN11
QN10
QN9
CFF = 9pF
CC = 33pF
QP9
QP8
QP7
QP6
6.3V
QN7
QN6
QN5
QN4
V+
IQ SET
QN8
QN3
QN1 QN2
QP1
QP1
3k
3k
BAL
100k
900k
QP5
QP4
QP3
+INPUT
-INPUT
V-
V-
V+
V+
BAL
6.3V
ICL7611, ICL7612


Similar Part No. - ICL7611DCPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7611DCPA INTERSIL-ICL7611DCPA Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Maxim Integrated Produc...
ICL7611DCPA MAXIM-ICL7611DCPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
Intersil Corporation
ICL7611DCPA INTERSIL-ICL7611DCPA Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7611DCPA RENESAS-ICL7611DCPA Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611DCPAZ INTERSIL-ICL7611DCPAZ Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
More results

Similar Description - ICL7611DCPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7611 RENESAS-ICL7611 Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com