Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP47N10L Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPP47N10L
Description  SIPMOS짰 Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP47N10L Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPP47N10L Datasheet HTML 1Page - Infineon Technologies AG SPP47N10L Datasheet HTML 2Page - Infineon Technologies AG SPP47N10L Datasheet HTML 3Page - Infineon Technologies AG SPP47N10L Datasheet HTML 4Page - Infineon Technologies AG SPP47N10L Datasheet HTML 5Page - Infineon Technologies AG SPP47N10L Datasheet HTML 6Page - Infineon Technologies AG SPP47N10L Datasheet HTML 7Page - Infineon Technologies AG SPP47N10L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2002-01-09
Page 2
Preliminary data
SPI47N10L
SPP47N10L,SPB47N10L
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - case
RthJC
-
-
0.85
K/W
Thermal resistance, junction - ambient, leaded
RthJA
-
-
62
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area F)
RthJA
-
-
-
-
62
40
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
VGS=0V, ID=2mA
V(BR)DSS
100
-
-
V
Gate threshold voltage, VGS = VDS
ID = 2 mA
VGS(th)
1.2
1.6
2
Zero gate voltage drain current
VDS=100V, VGS=0V, Tj=25°C
VDS=100V, VGS=0V, Tj=150°C
IDSS
-
-
0.1
-
1
100
µA
Gate-source leakage current
VGS=20V, VDS=0V
IGSS
-
10
100
nA
Drain-source on-state resistance
VGS=4.5V, ID=33A
RDS(on)
-
25
40
m

Drain-source on-state resistance
VGS=10V, ID=33A
RDS(on)
-
18
26
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.


Similar Part No. - SPP47N10L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP47N10L INFINEON-SPP47N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
More results

Similar Description - SPP47N10L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD04P10PLG INFINEON-SPD04P10PLG Datasheet
463Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
BUZ110S INFINEON-BUZ110S Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
SPB08P06P INFINEON-SPB08P06P_12 Datasheet
273Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.7 2012-09-07
SPP80N06S-08 INFINEON-SPP80N06S-08 Datasheet
171Kb / 8P
   SIPMOS짰 Power-Transistor
Rev. 1.0 2004-11-30
SPD15P10PL INFINEON-SPD15P10PL Datasheet
763Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.5 2012-09-03
SPD08P06PG INFINEON-SPD08P06PG_12 Datasheet
605Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD04P10PG INFINEON-SPD04P10PG Datasheet
479Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB18P06PG INFINEON-SPB18P06PG_12 Datasheet
446Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-07
SPP15P10PLH INFINEON-SPP15P10PLH Datasheet
767Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.4 2011-09-01
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com