Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-TO263-3-2 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # P-TO263-3-2
Description  Cool MOS??Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

P-TO263-3-2 Datasheet(HTML) 1 Page - Infineon Technologies AG

  P-TO263-3-2 Datasheet HTML 1Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 2Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 3Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 4Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 5Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 6Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 7Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 8Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2003-10-06
Page 1
SPP03N60S5
SPB03N60S5
Final data
Cool MOS™ Power Transistor
VDS
600
V
RDS(on)
1.4
ID
3.2
A
Feature
• New revolutionary high voltage technology
• Ultra low gate charge
• Periodic avalanche rated
• Extreme dv/dt rated
• Ultra low effective capacitances
• Improved transconductance
P-TO220-3-1
P-TO263-3-2
Type
Package
Ordering Code
SPP03N60S5
P-TO220-3-1
Q67040-S4184
SPB03N60S5
P-TO263-3-2
Q67040-S4197
Marking
03N60S5
03N60S5
Maximum Ratings
Parameter
Symbol
Value
Unit
Continuous drain current
TC = 25 °C
TC = 100 °C
ID
3.2
2
A
Pulsed drain current, tp limited by Tjmax
ID puls
5.7
Avalanche energy, single pulse
ID = 2.4 A, VDD = 50 V
EAS
100
mJ
Avalanche energy, repetitive tAR limited by Tjmax1)
ID = 3.2 A, VDD = 50 V
EAR
0.2
Avalanche current, repetitive tAR limited by Tjmax IAR
3.2
A
Gate source voltage
VGS
±20
V
Gate source voltage AC (f >1Hz)
VGS
±30
Power dissipation, TC = 25°C
Ptot
38
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C


Similar Part No. - P-TO263-3-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
P-TO263-3-2 INFINEON-P-TO263-3-2 Datasheet
114Kb / 8P
   SIPMOS짰 Power-Transistor
2002-01-09
More results

Similar Description - P-TO263-3-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com