Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7612DCPAZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL7612DCPAZ
Description  1.4MHz, Low Power CMOS Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7612DCPAZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL7612DCPAZ Datasheet HTML 5Page - Intersil Corporation ICL7612DCPAZ Datasheet HTML 6Page - Intersil Corporation ICL7612DCPAZ Datasheet HTML 7Page - Intersil Corporation ICL7612DCPAZ Datasheet HTML 8Page - Intersil Corporation ICL7612DCPAZ Datasheet HTML 9Page - Intersil Corporation ICL7612DCPAZ Datasheet HTML 10Page - Intersil Corporation ICL7612DCPAZ Datasheet HTML 11Page - Intersil Corporation ICL7612DCPAZ Datasheet HTML 12Page - Intersil Corporation ICL7612DCPAZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN2919.9
April 26, 2007
FIGURE 13. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 14. COMMON MODE REJECTION RATIO vs FREE-AIR
TEMPERATURE
FIGURE 15. POWER SUPPLY REJECTION RATIO vs FREE-AIR
TEMPERATURE
FIGURE 16. EQUIVALENT INPUT NOISE VOLTAGE vs
FREQUENCY
FIGURE 17. OUTPUT VOLTAGE vs FREQUENCY
FIGURE 18. OUTPUT VOLTAGE vs FREQUENCY
Typical Performance Curves (Continued)
107
106
104
103
102
10
1
105
0.1
1.0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
TA = +25°C
VSUPP = 15V
0
45
90
135
180
IQ = 1mA
IQ = 100μA
PHASE SHIFT
(IQ = 1mA)
IQ = 10μA
-50
-25
0
25
50
75
100
125
FREE-AIR TEMPERATURE (°C)
-75
105
100
95
90
85
80
75
70
VSUPP = 10V
IQ = 10μA
IQ = 100μA
IQ = 1mA
100
95
90
85
80
75
70
65
-50
-25
0
25
50
75
100
125
-75
FREE-AIR TEMPERATURE (°C)
IQ = 1mA
IQ = 100μA
IQ = 10μA
VSUPP = 10V
600
500
400
300
200
100
0
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = +25°C
3V
≤ VSUPP ≤ 16V
16
14
12
10
8
6
4
2
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSUPP
=
±8V
VSUPP
=
±5V
VSUPP
=
±2V
IQ = 1mA
IQ = 10μA
IQ = 100μA
TA = +25°C
VSUPP = 10V
IQ = 1mA
16
14
12
10
8
6
4
2
0
10k
100k
1M
10M
FREQUENCY (Hz)
TA = -55°C
TA = +25°C
TA = +125°C
ICL7611, ICL7612


Similar Part No. - ICL7612DCPAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7612DCPAZ INTERSIL-ICL7612DCPAZ Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7612DCPAZ RENESAS-ICL7612DCPAZ Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
More results

Similar Description - ICL7612DCPAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7611 RENESAS-ICL7611 Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com