Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84544CP Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL84544CP
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84544CP Datasheet(HTML) 2 Page - Intersil Corporation

  ISL84544CP Datasheet HTML 1Page - Intersil Corporation ISL84544CP Datasheet HTML 2Page - Intersil Corporation ISL84544CP Datasheet HTML 3Page - Intersil Corporation ISL84544CP Datasheet HTML 4Page - Intersil Corporation ISL84544CP Datasheet HTML 5Page - Intersil Corporation ISL84544CP Datasheet HTML 6Page - Intersil Corporation ISL84544CP Datasheet HTML 7Page - Intersil Corporation ISL84544CP Datasheet HTML 8Page - Intersil Corporation ISL84544CP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Pinouts (Note 1)
ISL84541 (PDIP, SOIC, MSOP)
TOP VIEW
ISL84541 (SOT-23)
TOP VIEW
ISL84542 (PDIP, SOIC)
TOP VIEW
ISL84542 (SOT-23)
TOP VIEW
ISL84543 (PDIP, SOIC)
TOP VIEW
ISL84543 (SOT-23)
TOP VIEW
ISL84544 (PDIP, SOIC)
TOP VIEW
ISL84544 (SOT-23)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
NO1
COM1
IN2
GND
V+
COM2
NO2
IN1
6
7
8
5
1
2
3
4
NO1
V+
IN2
COM2
COM1
GND
NO2
IN1
6
7
8
5
1
2
3
4
NC1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
NC1
V+
IN2
COM2
COM1
GND
NC2
IN1
6
7
8
5
1
2
3
4
NO1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
NO1
V+
IN2
COM2
COM1
GND
NC2
IN1
6
7
8
5
1
2
3
4
6
7
8
5
1
2
3
4
NO
COM
NC
GND
V+
NC
NC
IN
4
5
6
1
2
3
IN
V+
GND
NO
NC
COM
Truth Table
LOGIC
ISL84541 ISL84542
ISL84543
ISL84544
SW 1, 2
SW 1, 2
SW 1
SW 2
PIN NC PIN NO
0
OFF
ON
OFF
ONONOFF
1
ON
OFF
ON
OFF
OFF
ON
NOTE:
Logic “0”
≤ 0.8V. Logic “1” ≥ 2.4V.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+2.7V to +12V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection
ISL84541, ISL84542, ISL84543, ISL84544


Similar Part No. - ISL84544CP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84544CP INTERSIL-ISL84544CP Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Similar Description - ISL84544CP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com